Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAM4S16BA-MU Datasheet(PDF) 2 Page - ATMEL Corporation

Part # ATSAM4S16BA-MU
Description  Scalable Performance and Memory Density, Power Efficiency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM4S16BA-MU Datasheet(HTML) 2 Page - ATMEL Corporation

  ATSAM4S16BA-MU Datasheet HTML 1Page - ATMEL Corporation ATSAM4S16BA-MU Datasheet HTML 2Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2012 Atmel Corporation. All rights reserved. / Rev.: 11177A-ATARM4S-E-A4-07/12
Atmel®, Atmel logo and combinations thereof, and others are registered trademarks or trademarks of Atmel Corporation or its subsidiaries. ARM®, ARMPowered® logo
and others are the registered trademarks or trademarks of ARM Ltd. Other terms and product names may be the trademarks of others. Atmel logo and combinations thereof,
and others are registered trademarks or trademarks of Atmel Corporation or its subsidiaries.
Disclaimer: The information in this document is provided in connection with Atmel products. No license, express or implied, by estoppel or otherwise, to any intellectual property right is granted by this document or in connection with the sale of Atmel
products. EXCEPT AS SET FORTH IN THE ATMEL TERMS AND CONDITIONS OF SALES LOCATED ON THE ATMEL WEBSITE, ATMEL ASSUMES NO LIABILITY WHATSOEVER AND DISCLAIMS ANY EXPRESS, IMPLIED OR STATUTORY WARRANTY
RELATING TO ITS PRODUCTS INCLUDING, BUT NOT LIMITED TO, THE IMPLIED WARRANTY OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE, OR NON-INFRINGEMENT. IN NO EVENT SHALL ATMEL BE LIABLE FOR ANY DIRECT,
INDIRECT, CONSEQUENTIAL, PUNITIVE, SPECIAL OR INCIDENTAL DAMAGES (INCLUDING, WITHOUT LIMITATION, DAMAGES FOR LOSS AND PROFITS, BUSINESS INTERRUPTION, OR LOSS OF INFORMATION) ARISING OUT OF THE USE OR
INABILITY TO USE THIS DOCUMENT, EVEN IF ATMEL HAS BEEN ADVISED OF THE POSSIBILITY OF SUCH DAMAGES. Atmel makes no representations or warranties with respect to the accuracy or completeness of the contents of this document and
reserves the right to make changes to specifications and products descriptions at any time without notice. Atmel does not make any commitment to update the information contained herein. Unless specifically provided otherwise, Atmel products are not
suitable for, and shall not be used in, automotive applications. Atmel products are not intended, authorized, or warranted for use as components in applications intended to support or sustain life.
Atmel Corporation
1600 Technology Drive
San Jose, CA 95110
USA
Tel: (+1)(408) 441-0311
Fax: (+1)(408) 487-2600
www.atmel.com
Atmel Asia Limited
Unit 01-5 & 16, 19F
BEA Tower, Millennium City 5
418 Kwun Tong Road
Kwun Tong, Kowloon
HONG KONG
Tel: (+852) 2245-6100
Fax: (+852) 2722-1369
Atmel Munich GmbH
Business Campus
Parkring 4
D-85748 Garching b. Munich
GERMANY
Tel: (+49) 89-31970-0
Fax: (+49) 89-3194621
Atmel Japan
9F, Tonetsu Shinkawa Bldg.
1-24-8 Shinkawa
Chuo-ku, Tokyo 104-0033
JAPAN
Tel: (+81)(3) 3523-3551
Fax: (+81)(3) 3523-7581
Atmel SAM4S Series
Scalable Performance and
Memory Density, Power Efficiency
Evaluation Kit and Ecosystem
•
Full-featured evaluation board and software library
•
Supported by Atmel Studio 6 integrated development environment (IDE)
•
Atmel QTouch® library support for buttons, wheels and sliders
•
Worldwide support ecosystem of industry-leading suppliers of development
tools, real-time operating systems and middleware products
•
Kit Ordering Code: ATSAM4S-EK
ATSAM4S-EK2
SAM4SOrderingInformation
Atmel Ordering Code
Package
Evaluation Kit
ATSAM4S8BA-MU
QFN64
SAM4S-EK
ATSAM4S8BA-AU
LQFP64
SAM4S-EK
ATSAM4S8CA-AU
LQFP100
SAM4S-EK
ATSAM4S8CA-CU
TFBGA100
SAM4S-EK
ATSAM4S8CA-CFU
VFBGA100
SAM4S-EK
ATSAM4S16BA-MU
QFN64
SAM4S-EK
ATSAM4S16BA-AU
LQFP64
SAM4S-EK
ATSAM4S16CA-AU
LQFP100
SAM4S-EK
Atmel Ordering Code
Package
Evaluation Kit
ATSAM4S16CA-CU
TFBGA100
SAM4S-EK
ATSAM4S16CA-CFU
VFBGA100
SAM4S-EK
ATSAM4SD32BA-MU
QFN64
SAM4S-EK2
ATSAM4SD32BA-AU
LQFP64
SAM4S-EK2
ATSAM4SD32CA-CU
TFBGA100
SAM4S-EK2
ATSAM4SD32CA-CFU
VFBGA100
SAM4S-EK2
ATSAM4SD32CA-AU
LQFP100
SAM4S-EK2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com