Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2MP04032 Datasheet(PDF) 3 Page - RMT Ltd.

Part # 2MP04032
Description  The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

2MP04032 Datasheet(HTML) 3 Page - RMT Ltd.

  2MP04032 Datasheet HTML 1Page - RMT Ltd. 2MP04032 Datasheet HTML 2Page - RMT Ltd. 2MP04032 Datasheet HTML 3Page - RMT Ltd. 2MP04032 Datasheet HTML 4Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RMT Ltd.
2MP04-032 Series
Copyright 2005. RMT Ltd. The design and specifications of products can be changed by RMT Ltd. without notice.
RMTK 190.00.00
53 Leninskij prosp. Moscow 119991 Russia, phones: 7-095-132-6817, 7-095-132-6685, fax: 7-095-132-5870, e-mail: rmtcom@dol.ru
2MP04-032-15
Standard Perfomance Plots
Application tips
Cautions
1. Never heat TE module more than 160oC (TEC assembled
at 183oC) or 200oC (TEC assembled at 230oC).
2. Never use TE module without attached heat sink at
hot (bottom) side.
Installation
1. Mechanical Mounting
TEC is placed between two heat exchangers . This construction is fixed by screws or in
another mechanical way.
It is suitable for large modules (with dimensions 30mmx30mm and larger). Miniature types
require other assembling methods.
2. Soldering
This method is suitable for a TE module with metallized outside surfaces (cold and hot
sides). RMT provides this option and also makes pre-tinning for TE modules. In comparison
with a mechanical assembling method, soldering requires careful procedures.
3. Glueing
It is an up-to-date method that is used by many customers due to availability of glues with
good thermoconductive properties. A glue is usually based on some epoxy compound filled
with some thermoconductive material such as graphite or diamond powders, silver, SiN and
others. The application of a specific type depends on application features and the type of a
TE module.
3. Connect TE module to DC power supply according to
polarity
4. Do not apply DC current higher than Imax.
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Current, A
0
10
20
30
40
50
60
70
80
90
100
0.00
0.25
0.50
0.75
Q, W
Imax
0.8 Imax
0.6 Imax
0.4 Imax
0.0
0.5
1.0
1.5
2.0
0
10
20
30
40
50
60
70
80
90 100
DT, K
Imax
0.8 Imax
0.6 Imax
0.4 Imax
0.0
0.5
1.0
1.5
0
10
20
30
40
50
60
70
80
90 100
DT, K
425



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com