Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2MP04012 Datasheet(PDF) 1 Page - RMT Ltd.

Part # 2MP04012
Description  The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RMT [RMT Ltd.]
Direct Link  http://www.rmtltd.ru
Logo RMT - RMT Ltd.

2MP04012 Datasheet(HTML) 1 Page - RMT Ltd.

  2MP04012 Datasheet HTML 1Page - RMT Ltd. 2MP04012 Datasheet HTML 2Page - RMT Ltd. 2MP04012 Datasheet HTML 3Page - RMT Ltd. 2MP04012 Datasheet HTML 4Page - RMT Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2MP04-012 Series
RMTK 188.00.00
RMT Ltd.
Specifications
Copyright 2005. RMT Ltd. The design and specifications of products can be changed by RMT Ltd. without notice.
Ordering Options
Technical Drawing
415
A. TEC Assembly:
1.Solder PbSn (Tmelt=183°C)
2.Solder SnSb (Tmelt=230°C)
B. Ceramics:
1.Pure Al2O3 (100%)
2.Alumina (Al2O3 - 96%)
3.Aluminum Nitride (AlN)
C. Surface Finish (one or both):
1. Clear ceramics
2. Metallized:
2.1 Ni / Sn(Bi)
2.2 Gold plating
3. Metallized and pre-tinned:
3.1 Rose alloy (Pb-Sn-Bi, Tmelt=94°C)
3.2 Solder 117 (In-Sn, Tmelt=117°C)
3.3 Solder 138 (Sn-Bi, Tmelt=138°C)
3.4 Solder 183 (Pb-Sn, Tmelt=183°C)
D. Thermistor can be mounted
on edge of cold side ceramics
Calibration is available.
Perfomance data are given for Thot=300K vacuum
Type
∆Tmax
K
Qmax
W
Imax
A
Umax
V
AC R
Ohm
H
mm
h
mm
2MP04-012-xx (N=12+12)
2MP04-012-10
92
0.31
1.67
0.61
0.29
3.21
2MP04-012-12
95
0.28
1.68
0.64
0.31
3.4
1.2
2MP04-012-15
98
0.25
1.68
0.67
0.32
3.7
1.5


Similar Part No. - 2MP04012

ManufacturerPart #DatasheetDescription
logo
RMT Ltd.
2MP04018 RMT-2MP04018 Datasheet
195Kb / 4P
The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
More results

Similar Description - 2MP04012

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQV PANASONIC-ECQV Datasheet
245Kb / 9P
Designed for application where high density insertion of components is required.
logo
RMT Ltd.
1MD06-097 RMT-1MD06-097 Datasheet
369Kb / 4P
The feature of this series of miniature TE modules is an increased cooling capacity
2MP04096 RMT-2MP04096 Datasheet
226Kb / 4P
The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
2MP04060 RMT-2MP04060 Datasheet
221Kb / 4P
The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
2MP04032 RMT-2MP04032 Datasheet
222Kb / 4P
The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
2MP04018 RMT-2MP04018 Datasheet
195Kb / 4P
The series of two-stage TE modules has been designed for applications where a relatively large cold side is required as well as two-stage level cooling.
logo
List of Unclassifed Man...
MR-828 ETC2-MR-828 Datasheet
290Kb / 1P
MR series elements are designed for applications where high vibration resistance as well as high temperature stability are vital
logo
JMK Inc.
LL-1355-13BHT JMK-LL-1355-13BHT Datasheet
43Kb / 1P
The LL-1355-13BHT filter has been designed to operate with two VICOR Harmonic Attenuator Modules (HAM).
logo
ams AG
LEUWU1A301 AMSCO-LEUWU1A301 Datasheet
1Mb / 20P
OSRAM OSTAR Headlamp is designed for applications where high brightness is required.
Version 1.6 2021-02-19
LEUWU1A501 AMSCO-LEUWU1A501 Datasheet
1Mb / 20P
OSRAM OSTAR Headlamp is designed for applications where high brightness is required.
Version 1.6 2021-02-19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com