Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF803-ALPHA Datasheet(PDF) 13 Page - rfsolutions.ltd

Part # RF803-ALPHA
Description  EASY TO USE TELEMETRY SYSTEM USING ALPHA MODULES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF803-ALPHA Datasheet(HTML) 13 Page - rfsolutions.ltd

Back Button RF803-ALPHA Datasheet HTML 8Page - rfsolutions.ltd RF803-ALPHA Datasheet HTML 9Page - rfsolutions.ltd RF803-ALPHA Datasheet HTML 10Page - rfsolutions.ltd RF803-ALPHA Datasheet HTML 11Page - rfsolutions.ltd RF803-ALPHA Datasheet HTML 12Page - rfsolutions.ltd RF803-ALPHA Datasheet HTML 13Page - rfsolutions.ltd RF803-ALPHA Datasheet HTML 14Page - rfsolutions.ltd RF803-ALPHA Datasheet HTML 15Page - rfsolutions.ltd RF803-ALPHA Datasheet HTML 16Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
D
DS
S8
80
03
3--A
AL
LP
PH
HA
A--1
1 N
No
ov
v ‘‘0
09
9
©
©2
20
00
08
8 R
RF
F S
So
ollu
uttiio
on
ns
s L
Lttd
d,, w
ww
ww
w..rrffs
so
ollu
uttiio
on
ns
s..c
co
o..u
uk
k
P
Pa
ag
ge
e 1
13
3
T
Te
ell 0
01
12
27
73
3 8
89
98
80
00
00
0 F
Fa
ax
x 0
01
12
27
73
3 4
48
80
06
66
61
1
ALPHA Encoder / Decoder IC’s
RF803-ALPHA
Technical Specifications:
Absolute Maximum Ratings 803E and 803D
Note
: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
Item
Rating
Units
Supply voltage
2.0 – 5.5
V
Max output current
80
mA
Storage temperature
-65 to +150
°C (Note)
Lead soldering temp
°C (Note)
ESD rating
V
Max O/P current sunk by any I/O pin
25
mA
Max O/P current sourced by any I/O pin
75
mA
RF803E-ALPHA
Electrical Characteristics
Min
Typical
Max
Unit
Operating current(average)
Vdd = 5V
603
645
689
µA
Standby current
.1
µA
High level Input voltage
2.0
VDD
V
Low level input voltage
VSS
0.8
V
High level output voltage
VDD - .7
V
Low level output voltage
0.6
V
Output Pin Current rating
25
mA
LED sink current
75
mA
RF803D-ALPHA
Electrical Characteristics
Min
Typical
Max
Unit
Operating current(average)
Vdd = 5V
mA
Standby current
µA
High level Input voltage
V
Low level input voltage
VSS
0.8
V
High level output voltage
VDD - .7
V
Low level output voltage
0.6
V
Output Pin Current rating
25
mA
LED sink current
75
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com