Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UID4N60 Datasheet(PDF) 1 Page - Unitpower Technology Limited

Part # UID4N60
Description  N-Ch 600V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

UID4N60 Datasheet(HTML) 1 Page - Unitpower Technology Limited

  UID4N60 Datasheet HTML 1Page - Unitpower Technology Limited UID4N60 Datasheet HTML 2Page - Unitpower Technology Limited UID4N60 Datasheet HTML 3Page - Unitpower Technology Limited UID4N60 Datasheet HTML 4Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
UI(D)4N60
N-Ch 600V Fast Switching MOSFETs
ID
600V
Ω
3.2A
The UI(D)4N60 is the highest performance trench
P-ch MOSFETs with extreme high cell density ,
which provide excellent RDSON and gate charge
for most of the synchronous buck converter
applications .
The UI(D)4N60 meet the RoHS and Green Product
requirement , 100% EAS guaranteed with full
function reliability approved.
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
TO-251/TO-252 Pin Configuration
Product Summery
BV
RD
DSS
S(ON)
2.25
Symbol
Parameter
TO-251/TO-252
Unites
VDSS
Drain-Source Voltage
600
V
ID
Drain Current
–Continuous(T
C = 25℃)
–Continuous(T
C = 100℃)
3.2
A
1.9
A
IDM
Drain Current
–Pulsed
(Note1)
12.8
A
VGSS
Gate-Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note2)
63
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note3)
4.5
V/ns
PD
Power Dissipation (TC = 25℃)
-Derate above 25℃
57
W
0.45
W/℃
TJ1 TSTG
Operating and Storage Temperature Range
-55 to + 150
℃
TL
Maximum lead temperature for soldering purposes, 1/8
” from
case for 5 seconds
300
℃
Symbol
Parameter
Typ
Max
Units
Rθ JC
Thermal Resistance, Junction-to-Case
--
2.2
℃/W
Rθ JA
Thermal Resistance, Junction-to-Ambient
--
50
℃/W


Similar Description - UID4N60

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD3006 XINDEYI-UD3006 Datasheet
686Kb / 4P
N-Ch 30V Fast Switching MOSFETs
UD3010 XINDEYI-UD3010 Datasheet
716Kb / 4P
N-Ch 30V Fast Switching MOSFETs
UD6006 XINDEYI-UD6006 Datasheet
677Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UM6004 XINDEYI-UM6004 Datasheet
860Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UM9926 XINDEYI-UM9926 Datasheet
966Kb / 4P
N-Ch 20V Fast Switching MOSFETs
UT4N60F XINDEYI-UT4N60F Datasheet
3Mb / 5P
N-Ch 600V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UI02N60 UNITPOWER-UI02N60 Datasheet
2Mb / 5P
N-Ch 600V Fast Switching MOSFETs
UM6016 UNITPOWER-UM6016 Datasheet
748Kb / 4P
N-Ch 60V Fast Switching MOSFETs
logo
KODENSHI_AUK CORP.
SNN3530NL KODENSHI-SNN3530NL Datasheet
511Kb / 8P
N-ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3010D UPI-QM3010D Datasheet
236Kb / 4P
N-Ch 30V Fast Switching MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com