Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C56LP Datasheet(PDF) 83 Page - Cypress Semiconductor

Part # CY8C56LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C56LP Datasheet(HTML) 83 Page - Cypress Semiconductor

Back Button CY8C56LP Datasheet HTML 79Page - Cypress Semiconductor CY8C56LP Datasheet HTML 80Page - Cypress Semiconductor CY8C56LP Datasheet HTML 81Page - Cypress Semiconductor CY8C56LP Datasheet HTML 82Page - Cypress Semiconductor CY8C56LP Datasheet HTML 83Page - Cypress Semiconductor CY8C56LP Datasheet HTML 84Page - Cypress Semiconductor CY8C56LP Datasheet HTML 85Page - Cypress Semiconductor CY8C56LP Datasheet HTML 86Page - Cypress Semiconductor CY8C56LP Datasheet HTML 87Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 120 page
background image
PRELIMINARY
PSoC® 5LP: CY8C56LP Family
Datasheet
Document Number: 001-84935 Rev. **
Page 83 of 120
Figure 11-30. SAR ADC DNL vs Output Code,
Bypassed Internal Reference Mode
Figure 11-31. SAR ADC INL vs Output Code,
Bypassed Internal Reference Mode
Figure 11-32. SAR ADC IDD vs sps, VDDA = 5 V, Continuous
Sample Mode, External Reference Mode
DNL
Differential non linearity[43]
VDDA 1.71 to 5.5 V, 1 Msps, VREF
1 to 5.5 V
––
+2/–1
LSB
VDDA 2.0 to 3.6 V, 1 Msps, VREF 2
to VDDA
No missing codes
–
–
1.7/–0.99
LSB
VDDA 1.71 to 5.5 V, 500 ksps, VREF
1 to 5.5 V
No missing codes
–
–
+2/–0.99
LSB
RIN
Input resistance[43]
–180
–
kΩv
Table 11-24. SAR ADC DC Specifications
(continued)
Parameter
Description
Conditions
Min
Typ
Max
Units
Notes
43. Based on device characterization (Not production tested).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com