Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS351 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 1SS351
Description  UHF Detector, Mixer Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

1SS351 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  1SS351_12 Datasheet HTML 1Page - Sanyo Semicon Device 1SS351_12 Datasheet HTML 2Page - Sanyo Semicon Device 1SS351_12 Datasheet HTML 3Page - Sanyo Semicon Device 1SS351_12 Datasheet HTML 4Page - Sanyo Semicon Device 1SS351_12 Datasheet HTML 5Page - Sanyo Semicon Device 1SS351_12 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1SS351
No.3240-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Forward Voltage
VF
IF=1mA
0.23
V
Forward Current
IF
VF=0.5V
30
mA
Reverse Current
IR
VR=0.5V
25
μA
Interterminal Capacitance
C
VR=0.2V, f=1MHz
0.69
0.9
pF
Note)*:The specifications shown above are for each individual diode.
Ordering Information
Device
Package
Shipping
memo
1SS351-TB-E
CP
3,000pcs./reel
Pb Free



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com