Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4027 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC4027
Description  High-Voltage Switching Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4027 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC4027 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 5Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 6Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 7Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 8Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SA1552/2SC4027
No. 2262-4/10
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
100
10
5
3
2
7
5
3
2
3
25
7
3
25
7
0.01
0.1
2
1.0
ITR03977
ITR03978
10
100
7
5
3
2
7
5
3
3
25
7
3
25
7
1.0
10
100
2SA1552 / 2SC4027
VCE=10V
2SC4027
2SA1552
2SA1552 / 2SC4027
f=1MHz
2SC4027
2SA1552
For PNP minus sign is omitted.
For PNP minus sign is omitted.
f T -- IC
Collector Current, IC -- A
2
3
2
3
5
7
3
5
7
--1000
--100
2
--0.1
--0.01
57
72
3
--1.0
57
23
23
ITR03979
2SA1552
IC / IB=10
Ta=75°C
--25°C
25°
C
2
3
2
3
5
7
3
5
7
1000
100
2
0.1
0.01
57
72
3
1.0
57
23
2
3
ITR03980
2SC4027
IC / IB=10
Ta=75
°C
--25°C
25°C
1.0
2
3
5
0.1
0.01
3
2
5
3
2
5
5
57
2
5
37
2
5
37
1.0
10
2
100
ITR03983
2SA1552 / 2SC4027
ITR03982
IT10480
--10
7
5
3
2
7
5
3
--1.0
--0.01
72
3
7
5
23
7
52
3
--0.1
--1.0
ITR03981
2SA1552
IC / IB=10
2SC4027
IC / IB=10
1.2
1.0
0
0.8
0.6
0.4
0.2
100
140
120
160
20
060
40
80
2SA1552 / 2SC4027
Ta=--25°C
75°C
25°C
IC=1.5A
ICP=2.5A
1ms
DC
operation
(T
a=25
°C)
Ta= --25
°C
75°C
25
°C
10
7
5
3
2
7
5
3
1.0
0.01
72
3
7
5
23
7
52
3
0.1
1.0
VBE(sat) -- IC
VBE(sat) -- IC
VCE(sat) -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
A S O
Tc=25
°C
Single Pulse
For PNP minus sign is omitted.
PC -- Ta
Collector-to-Emitter Voltage, VCE -- V
No
heat
sink
Ambient Temperature, Ta --
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com