Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4135 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC4135
Description  High-Voltage Switching Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4135 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC4135 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4135 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4135 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4135 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4135 Datasheet HTML 5Page - Sanyo Semicon Device 2SC4135 Datasheet HTML 6Page - Sanyo Semicon Device 2SC4135 Datasheet HTML 7Page - Sanyo Semicon Device 2SC4135 Datasheet HTML 8Page - Sanyo Semicon Device 2SC4135 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2SA1593/2SC4135
No.2511-4/9
f T -- IC
Collector Current, IC -- A
VBE(sat) -- IC
VBE(sat) -- IC
VCE(sat) -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
A S O
Collector-to-Emitter Voltage, VCE -- V
Ambient Temperature, Ta --
°C
2
7
5
3
2
7
5
3
--100
--10
--1000
2
73
5
2
72
3
3
57
--0.01
--0.1
--1.0
ITR04021
2
7
5
3
2
7
5
3
100
10
1000
2SA1593
IC / IB=10
--25
°C
25°C
Ta=75
°C
2
73
5
2
72
3
3
57
0.01
0.1
1.0
ITR04022
2SC4135
IC / IB=10
25°
C
Ta=75
°C
--25
°C
100
10
0.01
0.1
3
2
2
7
5
3
27
32
3
5
27
73
5
1.0
2SA1593 / 2SC4135
VCE=10V
ITR04019
2SA1593
2SC4135
1000
100
1.0
10
7
5
3
2
7
5
3
22
7
35
27
73
5
100
ITR04020
2SA1593
2SC4135
2SA1593 / 2SC4135
f=1MHz
1.0
0.1
0.01
5
5
3
2
5
5
3
2
3
2
1.0
10
57
2
3
35
7
100
22
35
7
0
16
12
14
15
10
8
6
1
4
2
20
060
40
80
100
140
120
160
2SA1593 / 2SC4135
ITR04026
ITR04025
ICP=3.0A
ITR04023
3
5
5
3
2
7
7
--1.0
--10
2
73
5
7
2
2
33
57
--0.01
--0.1
--1.0
2SA1593
IC / IB=10
75
°C
25
°C
Ta=--25°C
ITR04024
3
5
5
3
2
7
7
1.0
10
2
73
5
7
2
2
33
57
0.01
0.1
1.0
2SC4135
IC / IB=10
75°C
25
°C
Ta=--25°C
DC
operation
Ta=25
°C
1ms
IC=2.0A
2SA1593 / 2SC4135
Tc=25
°C
Single Pulse
For PNP, minus sign is omitted
No heat sink
PC -- Ta
For PNP, minus sign is omitted
For PNP, minus sign is omitted



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com