Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5565 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC5565
Description  DC / DC Converter Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5565 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC5565 Datasheet HTML 1Page - Sanyo Semicon Device 2SC5565 Datasheet HTML 2Page - Sanyo Semicon Device 2SC5565 Datasheet HTML 3Page - Sanyo Semicon Device 2SC5565 Datasheet HTML 4Page - Sanyo Semicon Device 2SC5565 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA2012 / 2SC5565
No.6306-4/5
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
VCE(sat) -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
VBE(sat) -- IC
VBE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
VCE(sat) -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
--0.01
--0.1
23
5
7
2
3
5 7
23
5
7
--1.0
--10
--1000
7
5
3
2
--100
7
5
3
2
--10
IT00141
Ta=75
°C
25°C
--25
°C
2SA2012
IC / IB=50
0.01
0.1
23
5
7
2
3
5 7
23
5
7
1.0
10
1000
7
5
3
2
7
5
3
2
100
10
IT00143
Ta=75
°C
25°C
--25
°C
2SC5565
IC / IB=50
10
1.0
0.1
0.01
0.1
1.0
10
Ta=--25
°C
25
°C
75
°C
7
5
3
2
7
5
3
2
23
5 7
2
3
5
7
2
3
5
7
2SC5565
IC / IB=50
IT00145
--10
--1.0
--0.1
--0.01
--0.1
--1.0
--10
Ta=--25
°C
25
°C
75
°C
7
5
3
2
7
5
3
2
23
5 7
2
3
5
7
2
3
5
7
2SA2012
IC / IB=50
IT00144
5
3
2
7
5
3
2
7
5
3
2
100
10
0.1
1.0
10
IT00147
2SC5565
f=1MHz
72
53
7
25
7
53
2
5
3
5
3
2
7
5
3
2
7
5
3
2
100
10
7
--0.1
23
5
7
57
23
5
5
23
--1.0
--10
IT00146
2SA2012
f=1MHz
1000
100
2
3
5
7
2
3
5
7
10
5
7
0.01
0.1
23
5
7
2
3
5 7
23
5
7
1.0
10
Ta=75
°C
--25
°C
IT00142
2SC5565
IC / IB=20
25°C
--1000
--100
2
3
5
7
2
3
5
7
--10
5
7
--0.01
--0.1
23
5
7
2
3
5 7
23
5
7
--1.0
--10
Ta=75
°C
25°C
--25
°C
IT00140
2SA2012
IC / IB=20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com