Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15C01C Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 15C01C
Description  Low-Frequency General-Purpose Amplifier Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

15C01C Datasheet(HTML) 2 Page - Sanyo Semicon Device

  15C01C_12 Datasheet HTML 1Page - Sanyo Semicon Device 15C01C_12 Datasheet HTML 2Page - Sanyo Semicon Device 15C01C_12 Datasheet HTML 3Page - Sanyo Semicon Device 15C01C_12 Datasheet HTML 4Page - Sanyo Semicon Device 15C01C_12 Datasheet HTML 5Page - Sanyo Semicon Device 15C01C_12 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
15C01C
No.7504-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=15V, IE=0A
0.1
μA
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
0.1
μA
DC Current Gain
hFE
VCE=2V, IC=10mA
300
800
Gain-Bandwidth Product
fT
VCE=2V, IC=50mA
330
MHz
Output Capacitance
Cob
VCB=10V, f=1MHz
3.2
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=200mA, IB=10mA
150
300
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=200mA, IB=10mA
0.9
1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=10μA, IE=0A
20
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=1mA, RBE=∞
15
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=10μA, IC=0A
5
V
Turn-On Time
ton
See specified Test Circuit.
30
ns
Storage Time
tstg
77
ns
Fall Time
tf
40
ns
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
15C01C-TB-E
CP
3,000pcs./reel
Pb Free
VR
RB
VCC=5V
VBE= --5V
+
+
50
Ω
INPUT
OUTPUT
RL
220
μF
470
μF
PW=20
μs
IB1
D.C.
≤1%
IB2
IC=20IB1= --20IB2=500mA
100
200
300
400
600
500
700
800
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0
0.4
0.8
1.2
1.6
0.2
0.6
1.0
1.4
1.8
2.0
IT05490
IT05491
0
40
80
120
160
200
20
60
100
140
180
IB=0mA
0.1mA
0.2mA
0.3mA
0.4mA
0.5mA
0.6mA
0.7mA
0.8mA
VCE=2V
IC -- VCE
IC -- VBE
Collector-to-Emitter Voltage, VCE -- V
Base-to-Emitter Voltage, VBE -- V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com