Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC75839PW Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC75839PW
Description  1/4 and 1/3-Duty General-Purpose LCD Display Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75839PW Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC75839PW Datasheet HTML 1Page - Sanyo Semicon Device LC75839PW Datasheet HTML 2Page - Sanyo Semicon Device LC75839PW Datasheet HTML 3Page - Sanyo Semicon Device LC75839PW Datasheet HTML 4Page - Sanyo Semicon Device LC75839PW Datasheet HTML 5Page - Sanyo Semicon Device LC75839PW Datasheet HTML 6Page - Sanyo Semicon Device LC75839PW Datasheet HTML 7Page - Sanyo Semicon Device LC75839PW Datasheet HTML 8Page - Sanyo Semicon Device LC75839PW Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LC75839PW
No.A1953-2/27
Specifications
Absolute Maximum Ratings at Ta = 25
°C, VSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD
-0.3 to +6.5
V
VIN1
CE, CL, DI, INH
-0.3 to +6.5
Input voltage
VIN2
OSCI, VDD1, VDD2
-0.3 to VDD+0.3
V
Output voltage
VOUT
S1 to S53, COM1 to COM4, P1 to P4
-0.3 to VDD+0.3
V
IOUT1
S1 to S52
300
μA
IOUT2
COM1 to COM4, S53
3
Output current
IOUT3
P1 to P4
5
mA
Allowable power dissipation
Pd max
Ta=85
°C
200
mW
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
Allowable Operating Ranges at Ta = -40 to +85
°C, VSS = 0V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VDD
VDD
4.5
6.0
V
VDD1
VDD1
2/3VDD
VDD
Input voltage
VDD2
VDD2
1/3VDD
VDD
V
VIH1
CE, CL, DI, INH
0.4VDD
6.0
Input high-level voltage
VIH2
OSCI: External clock operating mode
0.4VDD
VDD
V
VIL1
CE, CL, DI, INH
0
0.2VDD
Input low-level voltage
VIL2
OSCI: External clock operating mode
0
0.2VDD
V
External clock operating frequency
fCK
OSCI: External clock operating mode [Figure 4]
10
300
600
kHz
External clock duty cycle
DCK
OSCI: External clock operating mode [Figure 4]
30
50
70
%
Data setup time
tds
CL, DI
[Figure 2][Figure 3]
160
ns
Data hold time
tdh
CL, DI
[Figure 2][Figure 3]
160
ns
CE wait time
tcp
CE, CL
[Figure 2][Figure 3]
160
ns
CE setup time
tcs
CE, CL
[Figure 2][Figure 3]
160
ns
CE hold time
tch
CE, CL
[Figure 2][Figure 3]
160
ns
High-level clock pulse width
t
φH
CL
[Figure 2][Figure 3]
160
ns
Low-level clock pulse width
t
φL
CL
[Figure 2][Figure 3]
160
ns
Rise time
tr
CE, CL, DI
[Figure 2][Figure 3]
160
ns
Fall time
tf
CE, CL, DI
[Figure 2][Figure 3]
160
ns
INH switching time
tc
INH, CE
[Figure 5][Figure 6]
10
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com