Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC203C Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SVC203C
Description  Varactor Diode for FM Low-Voltage Electronic Tuning Use
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC203C Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SVC203C Datasheet HTML 1Page - Sanyo Semicon Device SVC203C Datasheet HTML 2Page - Sanyo Semicon Device SVC203C Datasheet HTML 3Page - Sanyo Semicon Device SVC203C Datasheet HTML 4Page - Sanyo Semicon Device SVC203C Datasheet HTML 5Page - Sanyo Semicon Device SVC203C Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SVC203C
No.2195-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Breakdown Voltage
V(BR)R
IR=1μA16
V
Reverse Current
IR
VR=10V
50
nA
Interterminal Capacitance*
C1.0V
VR=1.0V, f=1MHz
58.80
65.98
pF
C6.0V
VR=6.0V, f=1MHz
18.72
25.11
pF
C9.0V
VR=9.0V, f=1MHz
10.84
13.40
pF
Quality Factor
QVR=3.0V, f=100MHz
60
Capacitance Ratio
CR
C1.0V / C9.0V
4.6
Matching Tolerance
ΔCm
VR=1.0V
(Cmax -- Cmin)
Cmin
× 100
6.5
%
VR=6.0V
5.5
%
VR=9.0V
11.8
%
* Capacitance value of one diode
Address and Capacitance Value (Reference Value)
C1.0V
C6.0V
C9.0V
Address
Capacitance (pF)
Address
Capacitance (pF)
Address
Capacitance (pF)
11
59.10
62.92
61
18.91
19.95
91
10.89
12.17
12
61.97
65.65
62
19.76
20.85
92
11.93
13.33
63
20.64
21.79
64
21.57
22.77
65
22.55
23.80
66
23.56
24.87
Ordering Information
Device
Package
Shipping
memo
SVC203C-TB-E
CP
3,000pcs./reel
Pb Free



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com