Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC236 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC236
Description  Varactor Diode for FM Receiver Electronic Tuning Use
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC236 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC236 Datasheet HTML 1Page - Sanyo Semicon Device SVC236 Datasheet HTML 2Page - Sanyo Semicon Device SVC236 Datasheet HTML 3Page - Sanyo Semicon Device SVC236 Datasheet HTML 4Page - Sanyo Semicon Device SVC236 Datasheet HTML 5Page - Sanyo Semicon Device SVC236 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SVC236
No.6800-1/6
Features
•
Low voltage (6.5V)
•
Twin type varactor diode with good large-signal characteristics for FM receiver electronic tuning use
•
Very small package permits SVC236-applied sets to be compact and slim
•
Can be also provieded in tape reel package and automatic insertion is supported
•
High capacitance ratio (VR=1.0 to 6.5V)
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
16
V
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit : mm (typ)
7013A-006
Ordering number : EN6800A
72512 TKIM/31901 GIIM TA-3095
SANYO Semiconductors
DATA SHEET
SVC236
Diffused Junction Type Silicon Diode
Varactor Diode for
FM Receiver Electronic Tuning Use
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: CP
• JEITA, JEDEC
: SC-59, TO-236, SOT-23, TO-236AB
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TB
Marking
Electrical Connection
1 : Anode
2 : Anode
3 : Cathode
SANYO : CP
12
3
2.9
0.95
0.4
0.1
TB
SVC236-TB-E
ZV
1
3
2


Similar Part No. - SVC236

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC236 SANYO-SVC236 Datasheet
27Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
logo
ON Semiconductor
SVC236 ONSEMI-SVC236 Datasheet
282Kb / 6P
Monolithic dual Varactor Diode
September, 2013
SVC236-TB-E ONSEMI-SVC236-TB-E Datasheet
282Kb / 6P
Monolithic dual Varactor Diode
September, 2013
More results

Similar Description - SVC236

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC221 SANYO-SVC221 Datasheet
20Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC222 SANYO-SVC222 Datasheet
19Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC234 SANYO-SVC234 Datasheet
17Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC341 SANYO-SVC341 Datasheet
46Kb / 3P
Varactor Diode for Receiver Electronic Tuning Use
SVC226 SANYO-SVC226 Datasheet
17Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC230 SANYO-SVC230 Datasheet
20Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC236 SANYO-SVC236 Datasheet
27Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC237 SANYO-SVC237 Datasheet
22Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Use
SVC230 SANYO-SVC230_09 Datasheet
349Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC270 SANYO-SVC270_12 Datasheet
435Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com