Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SVC276 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SVC276
Description  FM Receiver Electronic Tuning Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC276 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SVC276 Datasheet HTML 1Page - Sanyo Semicon Device SVC276 Datasheet HTML 2Page - Sanyo Semicon Device SVC276 Datasheet HTML 3Page - Sanyo Semicon Device SVC276 Datasheet HTML 4Page - Sanyo Semicon Device SVC276 Datasheet HTML 5Page - Sanyo Semicon Device SVC276 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SVC276
No.7618-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Breakdown Voltage
V(BR)R
IR=10μA16
V
Reverse Current
IR
VR=10V
50
nA
Interterminal Capacitance*
C2.0V
VR=2.0V, f=1MHz
73.72
79.77
pF
C6.0V
VR=6.0V, f=1MHz
25.50
33.61
pF
C8.0V
VR=8.0V, f=1MHz
18.04
23.78
pF
Quality Factor
QVR=2.0V, f=100MHz
100
Capacitance Ratio
CR
C2.0V / C8.0V
3.1
Note)* : Capacitance value per each diode
Ordering Information
Device
Package
Shipping
memo
SVC276-TL-E
MCPH3
3,000pcs./reel
Pb Free
C, Q -- VR
01
2
3
4
5
6
7
8
9
10
IT06455
VRF=20mVrms
C(f=1MHz)
10
100
2
3
5
7
1000
2
3
5
7
10
100
1000
2
3
5
7
2
3
5
7
Q(f=100MHz)
Reverse Voltage, VR -- V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com