Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SXB Datasheet(PDF) 2 Page - RUBYCON CORPORATION

Part # SXB
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

SXB Datasheet(HTML) 2 Page - RUBYCON CORPORATION

  SXB Datasheet HTML 1Page - RUBYCON CORPORATION SXB Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
◆STANDARD SIZE
100
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
7.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
4.3
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.9
1.4
1.4
1.4
1.4
1.4
1.4
1.4
1.4
13
13
13
13
13
13
13
13
13
13
13
13
13
13
13
13
18
18
18
30
9
9
9
9
7
9
9
9
9
9
9
7
9
9
9
9
9
9
9
9
9
9
9
9
9
9
5
5
5
5
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
2,500
2,500
1,600
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
3,000
150
220
82
100
120
150
180
68
100
150
22
33
47
68
100
33
47
22
100
150
180
220
220
82
100
120
150
180
220
68
82
100
120
150
33
47
68
82
100
100
150
100
120
2
(d)
4
(g)
100
2.5
(e)
82
68
6.3
(j)
47
2SXB100M
2SXB150M
2SXB220M
2.5SXB82M
2.5SXB100M
2.5SXB120M
2.5SXB150M
2.5SXB180M
220
2.5SXB220M
4SXB68M
4SXB100M
4SXB150M
6SXB22M
6SXB33M
6SXB47M
6SXB68M
6SXB100M
8SXB33M
8SXB47M
10SXB22M
2SXE100M
2SXE150M
2SXE180M
2SXE220M
2SXE220MR07
2.5SXE82M
2.5SXE100M
2.5SXE120M
2.5SXE150M
2.5SXE180M
2.5SXE220MR07
220
2.5SXE220M
4SXE68M
4SXE82M
4SXE100M
4SXE120M
4SXE150M
6SXE33M
6SXE47M
6SXE68M
6SXE82M
6SXE100M
2SZE100M
2SZE150M
2.5SZE100M
2.5SZE120M
2SLE100M 
2.5SLE82M
4SLE68M
6SLE47M
8
(k)
10
(A)
2
(d)
2.5
(e)
4
(g)
6.3
(j)
2
(d)
2.5
(e)
2
(d)
2.5
(e)
4
(g)
6.3
(j)
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
WV(V.DC)
Cap(μF)
ESR
(mΩ)
Part No.
(mAr.m.s)
Size(mm)
LW
H
Series
SXB
SXE
SZE
SLE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com