Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPKA Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # MPKA
Description  METALLIZED POLYPROPYLENE FILM CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

MPKA Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  MPKA Datasheet HTML 1Page - RUBYCON CORPORATION MPKA Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
◆SPECIFICATIONS
−40℃∼+85℃
±10%(K)
0.001max at 1kHz
UR×230% 60s
JIS C 5101-1
275VAC
Rated Voltage (UR)
Category Temperature Range
Voltage Proof
Reference Standard
2000MΩ min
Insulation Resistance
Capacitance Tolerance
tanδ
◆PART NUMBER
MPKA
SERIES
MPKA
◆FEATURES
Small and light
Across-the-line
RoHS compliance.
◆OUTLINE
(mm)
□□□
Rated Voltage
MPKA
Series
□□□
Option
□□
Lead Forming
□□□
Rated Capacitance
Capacitance Tolerance
METALLIZED POLYPROPYLENE FILM CAPACITORS
UPGRADE
Blank
 TS(F=10)
A max
F
B max
φd±0.05
H7,Y7,17
F
LS
S7,W7,Q7,K7
F
LS
TL,TJ,TN
P
LS
P0
P0
P
LS=F
TX,TH
P0
P
LS


Similar Part No. - MPKA

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPKA RUBYCON-MPKA_15 Datasheet
174Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
More results

Similar Description - MPKA

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
Metallized Polypropylene Film Capacitors
19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com