Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W89C982AF Datasheet(PDF) 4 Page - Winbond

Part # W89C982AF
Description  INTEGRATED MULTIPLE REPEATER II
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W89C982AF Datasheet(HTML) 4 Page - Winbond

  W89C982AF Datasheet HTML 1Page - Winbond W89C982AF Datasheet HTML 2Page - Winbond W89C982AF Datasheet HTML 3Page - Winbond W89C982AF Datasheet HTML 4Page - Winbond W89C982AF Datasheet HTML 5Page - Winbond W89C982AF Datasheet HTML 6Page - Winbond W89C982AF Datasheet HTML 7Page - Winbond W89C982AF Datasheet HTML 8Page - Winbond W89C982AF Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Preliminary W89C982AF
- 4 -
PIN DESCRIPTION
NETWORK INTERFACE PINS
NAME
NO.
I/O
DESCRIPTION
DO+
DO-
4
3
O
AUI Transmit Output:
Differential line driver that sends differential signal to Medium
Attached Unit (MAU). These pins require a 270 ohm pull-down
resistor to GND.
DI+
DI-
98, 97
I
AUI Receive Input:
Differential receiver that receives the AUI-compliant receive signal
from MAU.
CI+
CI-
100, 99
I
AUI Collision Input:
Differential receiver that receives the AUI-compliant collision
signal from MAU.
DT0+
to
DT7+
5, 11, 15,
20, 63, 68,
72, 78
O
Data Positive:
Transmit data driver positive that transmits data on the twisted pair
line. The driver will source or sink 32 mA. The driver is low during idle.
DT0-
to
DT7-
6, 12, 16,
21, 62, 67,
71, 77
O
Data Negative:
Transmit data driver negative that transmits inverted data on the
twisted pair line. The driver will source or sink 32 mA. Driver is low
during idle.
DD0+
to
DD7+
8, 13, 17,
23, 60, 66,
70, 75
O
Delayed Data Positive:
Transmit data driver positive that transmits delayed inverted data
on the twisted pair line. The driver will source or sink 32 mA.
Driver is low during idle.
DD0-
to
DD7-
9, 14, 18,
24, 59, 65,
69, 74
O
Delayed Data Negative:
Transmit data driver negative that transmits delayed data on the
twisted pair line. The driver will source or sink 32 mA. Low during
idle.
RD0+
to
RD7+
96, 93, 91,
89, 86, 84,
82, 80
I
Twisted Pair Line Receive Positive:
Positive data from the twisted pair line are received by the internal
receiver through this pin.
RD0-
to
RD7-
95, 92, 90,
88, 85, 83,
81, 79
I
Twisted Pair Line Receive Negative:
Negative data from the twisted pair line are received by the
internal receiver through this pin.
INTER-IMPR II INTERFACE PINS
ICRS
46
O
Inter-IMPR II Carrier Output:
The inter-IMPR II carrier (an active low on this pin) will be present
when the IMPR II is repeating packets. The IMPR IIs output this
signal to the interface of inter-IMPR II for retransmitting valid
packets or propogating network collision messages to other IMPR
IIs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com