Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3LP01SS Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 3LP01SS
Description  General-Purpose Switching Device Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

3LP01SS Datasheet(HTML) 3 Page - Sanyo Semicon Device

  3LP01SS Datasheet HTML 1Page - Sanyo Semicon Device 3LP01SS Datasheet HTML 2Page - Sanyo Semicon Device 3LP01SS Datasheet HTML 3Page - Sanyo Semicon Device 3LP01SS Datasheet HTML 4Page - Sanyo Semicon Device 3LP01SS Datasheet HTML 5Page - Sanyo Semicon Device 3LP01SS Datasheet HTML 6Page - Sanyo Semicon Device 3LP01SS Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3LP01SS
No.6648-3/7
0
0
--0.01
--0.02
--0.03
--0.04
--0.06
--0.07
--0.08
--0.09
--0.10
--0.4
--0.05
--0.8
--1.2
--1.6
--2.0
--0.2
--0.6
--1.0
--1.4
--1.8
ID -- VDS
VGS= --1.5V
--3.5V
--2.0V
--2.5V
0
--0.5
--1.0
--1.5
--2.0
--2.5
--3.0
--4.0
--3.5
0
--0.02
--0.04
--0.06
--0.08
--0.10
--0.12
--0.14
--0.16
--0.18
--0.20
ID -- VGS
VDS= --10V
0
0
--1
--2
--3
5
--4
10
--5
15
20
25
--6
30
--7
--8
--9
--10
RDS(on) -- VGS
Ta=25
°C
ID= --30mA
--50mA
RDS(on) -- ID
IT00077
IT00079
IT00080
IT00078
25
°C
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
Drain Current, ID -- A
--0.01
1.0
--0.1
23
5
7
2
3
100
7
5
3
2
10
7
5
3
2
VGS= --4V
Ta=75
°C
25
°C
--25
°C
--60
4
2
--40
6
--20
8
10
0
12
14
20
40
16
60
18
80
100
120
140
160
I D
= -
-30mA,
V GS
= -
-2.5V
I D
= --
50mA,
V GS
= --4.0V
IT00083
IT00084
IT00081
IT00082
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
Drain Current, ID -- A
| yfs | -- ID
Drain Current, ID -- A
RDS(on) -- ID
Drain Current, ID -- mA
RDS(on) -- ID
--0.01
0.01
--0.1
1.0
7
5
3
2
7
5
3
2
0.1
3
2
7
5
3
2
VDS= --10V
Ta= -
-25°C
25
°C
75°C
--0.01
1.0
--0.1
10
7
5
3
2
100
7
5
3
2
3
2
7
5
3
2
VGS= --2.5V
--0.1
--1.0
1000
7
5
3
2
100
7
5
3
2
10
23
23
5
7
VGS= --1.5V
--25
°C
--25
°C
25
°C
Ta=75
°C
Ta=75
°C
25
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com