Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMS3003 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # BMS3003
Description  General-Purpose Switching Device Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

BMS3003 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  BMS3003_12 Datasheet HTML 1Page - Sanyo Semicon Device BMS3003_12 Datasheet HTML 2Page - Sanyo Semicon Device BMS3003_12 Datasheet HTML 3Page - Sanyo Semicon Device BMS3003_12 Datasheet HTML 4Page - Sanyo Semicon Device BMS3003_12 Datasheet HTML 5Page - Sanyo Semicon Device BMS3003_12 Datasheet HTML 6Page - Sanyo Semicon Device BMS3003_12 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BMS3003
No. A1907-3/7
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
Drain Current, ID -- A
Diode Forward Voltage, VSD -- V
Gate-to-Source Voltage, VGS -- V
ID -- VDS
ID -- VGS
RDS(on) -- Tc
RDS(on) -- VGS
IS -- VSD
| yfs | -- ID
Drain Current, ID -- A
SW Time -- ID
Drain-to-Source Voltage, VDS -- V
Ciss, Coss, Crss -- VDS
IT16242
IT16239
--50
--25
150
0
--30
--10
--15
--20
--25
--5
100
1000
3
2
IT16246
IT16244
IT16243
--0.1
--1.0
23
5 7
3
100
1000
--1.4
--1.2
--1.0
--0.8
--0.4
--0.2
--0.6
0
--0.01
--0.1
5
7
3
2
5
7
3
2
5
7
3
2
5
7
3
2
5
7
3
2
--1.0
--10
--100
--1000
7
5
7
5
3
2
3
10
1.0
7
5
2
2
10000
100000
2
2
--10
35 7
--100
57
23
--0.1
--1.0
23
5 7
2
--10
35 7
--100
57
23
0
25
50
75
100
125
3
5
7
3
2
5
7
5
7
ID= --39A
Single pulse
Single pulse
Tc=75
°C
25
°C
--25
°C
Tc=
--25
°C
25°
C
75°
C
VDS= --10V
Ciss
Crss
IT16245
10
100
3
2
3
2
5
5
7
1000
10000
2
3
5
7
7
td(off)
VDD= --36V
VGS= --10V
tr
--0.2
--0.6
--0.4
--0.8
--1.0
--1.2
--1.4
0
0
--20
--40
--160
--140
--120
--100
--80
--60
0
--20
--40
--160
--140
--120
--100
--80
--60
0
IT16241
--3
0
--1
--2
--4
--5
--6
--7
--10
--8
--9
0
2
16
14
12
8
10
4
6
4
2
0
8
6
16
14
12
10
IT16240
--0.5
--1.5 --2.0
--1.0
--2.5
--4.0 --4.5 --5.0
--3.5
--3.0
0
Tc=25
°C
--4V
VGS= --3V
VDS= --10V
tf
VGS
= --4V
, ID
= --39A
VGS
= --10V
, ID
= --39A
Coss
td(on)
f=1MHz
VGS=0V
Single pulse



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com