Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMS3003 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # BMS3003
Description  General-Purpose Switching Device Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

BMS3003 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  BMS3003 Datasheet HTML 1Page - Sanyo Semicon Device BMS3003 Datasheet HTML 2Page - Sanyo Semicon Device BMS3003 Datasheet HTML 3Page - Sanyo Semicon Device BMS3003 Datasheet HTML 4Page - Sanyo Semicon Device BMS3003 Datasheet HTML 5Page - Sanyo Semicon Device BMS3003 Datasheet HTML 6Page - Sanyo Semicon Device BMS3003 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BMS3003
No. A1907-1/7
Features
ON-resistance RDS(on)1=5.0m
Ω (typ.)
Input capacitance Ciss=13200pF (typ.)
4V drive
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--60
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
--78
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
--312
A
Allowable Power Dissipation
PD
2.0
W
Tc=25°C40
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Avalanche Energy (Single Pulse) *1
EAS
420
mJ
Avalanche Current *2
IAV
--60
A
Note :
*1 VDD=--36V, L=100μH, IAV=--60A (Fig.1)
*2 L≤100μH, Single pulse
Package Dimensions
unit : mm (typ.)
7529-001
91212 TKIM TC-00002812/D2210QA TKIM TC-00002546
BMS3003
P-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
http://www.sanyosemi.com/en/network/
Ordering number : ENA1907A
1
3
2
Product & Package Information
• Package
: TO-220F-3SG
• JEITA, JEDEC
: SC-67
• Minimum Packing Quantity : 50 pcs./magazine
Marking
Electrical Connection
1 : Gate
2 : Drain
3 : Source
SANYO : TO-220F-3SG
10.16
0.8
1.47 MAX
4.7
2.54
2.76
12
3
0.5
2.54
2.54
3.18
(0.84)
DETAIL-A
A
EMC
FRAME
BMS3003-1E
MS3003
LOT No.
SANYO Semiconductors
DATA SHEET


Similar Part No. - BMS3003

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
BMS3003 SANYO-BMS3003 Datasheet
311Kb / 5P
P-Channel Silicon MOSFET General-Purpose Switching Device Applications
logo
ON Semiconductor
BMS3003 ONSEMI-BMS3003 Datasheet
83Kb / 5P
P-Channel Power MOSFET
April, 2014
BMS3003-1E ONSEMI-BMS3003-1E Datasheet
83Kb / 5P
P-Channel Power MOSFET
April, 2014
More results

Similar Description - BMS3003

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6415 SANYO-CPH6415 Datasheet
54Kb / 4P
General-Purpose Switching Device Applications
2SK3352 SANYO-2SK3352_05 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ662 SANYO-2SJ662 Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
2SJ666 SANYO-2SJ666 Datasheet
41Kb / 4P
General-Purpose Switching Device Applications
VEC2822 SANYO-VEC2822 Datasheet
78Kb / 6P
General-Purpose Switching Device Applications
2SK4198FS SANYO-2SK4198FS Datasheet
273Kb / 5P
General-Purpose Switching Device Applications
2SK4227JS SANYO-2SK4227JS Datasheet
275Kb / 5P
General-Purpose Switching Device Applications
ATP213 SANYO-ATP213 Datasheet
262Kb / 4P
General-Purpose Switching Device Applications
BXL4001 SANYO-BXL4001 Datasheet
281Kb / 5P
General-Purpose Switching Device Applications
ECH8320 SANYO-ECH8320 Datasheet
280Kb / 4P
General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com