Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6480HTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6480HTR
Description  The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6480HTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6480HTR Datasheet HTML 9Page - STMicroelectronics L6480HTR Datasheet HTML 10Page - STMicroelectronics L6480HTR Datasheet HTML 11Page - STMicroelectronics L6480HTR Datasheet HTML 12Page - STMicroelectronics L6480HTR Datasheet HTML 13Page - STMicroelectronics L6480HTR Datasheet HTML 14Page - STMicroelectronics L6480HTR Datasheet HTML 15Page - STMicroelectronics L6480HTR Datasheet HTML 16Page - STMicroelectronics L6480HTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
L6480
Electrical characteristics
Doc ID 023278 Rev 3
13/73
SRgate
Gate driver output slew rate
IGATE= 96 mA
VCC = 15 V
CGATE = 15 nF
6V/
μs
Deadtime and blanking
tDT
Programmable deadtime2
TDT= '00000'
125
ns
TDT=’11111’
4000
tblank
Programmable blanking time2
TBLANK= '000'
125
ns
TBLANK=’111’
1000
Logic
VIL
Low level logic input voltage
0.8
V
VIH
High level logic input voltage
2
V
IIH
High level logic input current
VIN = 5 V, VDDIO = 5 V
1
µA
IIL
Low level logic input current
VIN = 0 V, VDDIO = 5 V
-1
µA
VOL
Low level logic output voltage(3)
VDD = 3.3 V, IOL = 4 mA
0.3
V
VDD = 5 V, IOL = 4 mA
0.3
VOH
High level logic output voltage
VDD = 3.3 V, IOH = 4 mA
2.4
V
VDD = 5 V, IOH = 4 mA
4.7
RPUCS
CS pull-up resistor
430
k
Ω
RPDRST
STBY/RESET pull-down resistor
450
RPUSW
SW pull-up resistor
80
thigh,STCK
Step-clock input high time
300
ns
tlow,STCK
Step-clock input low time
300
ns
Internal oscillator and external oscillator driver
fosc,int
Internal oscillator frequency
Tj = 25 °C,
-5%
16
+5% MHz
fosc,ext
Programmable external oscillator frequency
8
32
MHz
VOSCOUTH OSCOUT clock source high level voltage
Internal oscillator
2.4
V
VOSCOUTL OSCOUT clock source low level voltage
Internal oscillator
0.3
V
trOSCOUT
tfOSCOUT
OSCOUT clock source rise and fall time
Internal oscillator
10
ns
thigh
OSCOUT clock source high time
Internal oscillator
62.5
ns
textosc
Internal to external oscillator switching delay
3
ms
tintosc
External to internal oscillator switching delay
100
µs
SPI
fCK,MAX
Maximum SPI clock frequency(4)
5MHz
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com