Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFC30P Datasheet(PDF) 1 Page - Topstek Inc.

Part # TFC30P
Description  Topstek True RMS Current Transducer TFC30P80A..TFC1500A-CL420
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPSTEK [Topstek Inc.]
Direct Link  http://www.topstek.com
Logo TOPSTEK - Topstek Inc.

TFC30P Datasheet(HTML) 1 Page - Topstek Inc.

  TFC30P Datasheet HTML 1Page - Topstek Inc. TFC30P Datasheet HTML 2Page - Topstek Inc. TFC30P Datasheet HTML 3Page - Topstek Inc. TFC30P Datasheet HTML 4Page - Topstek Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Topstek True RMS Current Transducer TFC30P80A..TFC1500A-CL420
- 1 -
www.topstek.com
TFC30P-CL420
V081007
10/7/2008
True RMS 4-20mA Current Loop Output CT
TFC30P80A~1500A-CL420
Features
♦Highly reliable Open Loop Hall Effect device
♦Clamp on split core structure
♦Faster response time than temperature sensing
♦Excellent linearity of the output voltage over a wide input range
♦ VFD and SCR type waveforms current measurement
♦True RMS output
♦4-20mA current loop output
♦High isolation voltage between the measuring circuit and the
current-carrying conductor (AC3KV)
♦Flame-Retardant plastic case and silicone encapsulant, using UL
classified materials, ensures protection against environmental
contaminants and vibration over a wide temperature and humidity
range
Applications
♦Power measurement, power panel
♦True RMS AC+DC current measurement
Options
♦Plastic case material:
PBT+30%GF(white) standard and PC(blue) option
♦Operating temperature range:
70°C standard and option 85°C available
♦Connector type: specify –E or –M. If other types of connector
required, please contact factory for other possibilities.
–M: Molex 5045 type (2.54mm pitch)
–E: Euro type connector (5.08mm pitch)
Specifications
Parameter
Symbol Unit
80A
100A
200A
300A
400A
500A
600A 1000A 1500A
Nominal Input Current
IPN
A RMS
80
100
200
300
400
500
600
1000
1500
Max Primary Current Peak
IPMax
A
±400
±400
±800 ±1200 ±1600 ±2000 ±2400 ±3000 ±3000
Current Output Protocol
IOUT
mA
4-20 mA Current Loop, 4mA@ IP =0A, 20mA@ IP = IPN
Output Offset Current
IOS
mA
+4 mA
Over-Scale Output Current
IOL
mA
<32 mA
Load Resistance
RL
Ω
<300 Ω
Supply Voltage
VCC
V
+20V .. +32V
Accuracy @ IPN
%
Within ±1% of IPN @25°C(excluding offset)
Linearity
ρ
%
Within ±1% of IPN
Consumption Current
ICC
mA
4-20 mA (= IOUT)
Response Time (90% IPN
Step)
Tr
μsec
<150 msec
Frequency bandwidth (±1dB)
fBW
Hz
DC to 6kHz
Thermal Drift of Output
-
%/°C
Within ±0.1 %/°C @ IPN
Thermal Drift of
Zero Current Offset
-
μA/°C
< ±3
μA/°C(0-60°C), < ±6μA/°C(-40 .. 70°C)
Dielectric Strength
-
V
AC3KV X 60 sec
Isolation Resistance
@ 1000 VDC
RIS
MΩ
>1000 MΩ
Operating Temperature
Ta
°C
-40°C to 70°C
Storage Temperature
Ts
°C
-45°C to 85°C
Mass
W
g
240 g


Similar Part No. - TFC30P

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TFC30P-CL420 TOPSTEK-TFC30P-CL420 Datasheet
206Kb / 4P
Topstek True RMS Current Transducer
logo
DIWELL Electronics Co.,...
TFC30P2VS05-100A DIWELL-TFC30P2VS05-100A Datasheet
419Kb / 2P
Topstek Current Transducer TFC30P2VS05100A
3/25/2020
TFC30P2VS05-1500A DIWELL-TFC30P2VS05-1500A Datasheet
419Kb / 2P
Topstek Current Transducer TFC30P2VS05100A
3/25/2020
logo
Topstek Inc.
TFC30P801000A-CL420 TOPSTEK-TFC30P801000A-CL420 Datasheet
206Kb / 4P
Topstek True RMS Current Transducer
TFC30P80100A-CL420 TOPSTEK-TFC30P80100A-CL420 Datasheet
206Kb / 4P
Topstek True RMS Current Transducer
More results

Similar Description - TFC30P

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TQH5A TOPSTEK-TQH5A Datasheet
86Kb / 2P
Topstek Current Transducer
TQDV25A TOPSTEK-TQDV25A Datasheet
105Kb / 2P
Topstek Current Transducer
TMQ80A-CL420 TOPSTEK-TMQ80A-CL420 Datasheet
117Kb / 4P
Topstek True RMS Current Transducer
THP5A TOPSTEK-THP5A Datasheet
105Kb / 2P
Topstek Current Transducer
TFC30P-CL420 TOPSTEK-TFC30P-CL420 Datasheet
206Kb / 4P
Topstek True RMS Current Transducer
TMQ-CL420 TOPSTEK-TMQ-CL420 Datasheet
123Kb / 4P
Topstek True RMS Current Transducer
TU10P5A-CL420 TOPSTEK-TU10P5A-CL420 Datasheet
128Kb / 2P
Topstek True RMS Current Transducer
TU16P5A-CL420 TOPSTEK-TU16P5A-CL420 Datasheet
134Kb / 2P
Topstek True RMS Current Transducer
TU16P-C5-091026 TOPSTEK-TU16P-C5-091026 Datasheet
197Kb / 2P
Topstek True RMS Current Transducer
logo
DIWELL Electronics Co.,...
TU12P5A DIWELL-TU12P5A Datasheet
323Kb / 3P
Topstek True RMS Current Transducer TU12P5A..TU12P150A-CL420
10/11/2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com