Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2507P Datasheet(PDF) 1 Page - ams AG

Part # AS2507P
Description  SINGLE CHIP 2-WIRE INTERCOM CMOS INTEGRATED CIRCUIT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2507P Datasheet(HTML) 1 Page - ams AG

  AS2507P Datasheet HTML 1Page - ams AG AS2507P Datasheet HTML 2Page - ams AG AS2507P Datasheet HTML 3Page - ams AG AS2507P Datasheet HTML 4Page - ams AG AS2507P Datasheet HTML 5Page - ams AG AS2507P Datasheet HTML 6Page - ams AG AS2507P Datasheet HTML 7Page - ams AG AS2507P Datasheet HTML 8Page - ams AG AS2507P Datasheet HTML 9Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Preliminary Data Sheet
AS2507
1/9
July 1998
®
Austria Mikro Systeme International AG
Single Chip 2-Wire Intercom
CMOS Integrated Circuit
Key Features
 Line/speech circuit and signalling on one 14
pin CMOS chip
 Only 2 wires needed for power supply,
signalling and speech
 Soft clipping to avoid harsh distortion
 Fully integrated 2/4 wire conversion
 Side tone cancellation
 Low noise
 Signalling with FSK modem
 Low standby power consumption allows
parallel operation of up to 25 terminals on a
bus pair with central supply
 Parallel operation of up to 70 terminals if
supplied locally
 Controllable via simple µC interface
 Very few external components
Application
Entrance telephone system, intercom and data
transmission, alarm systems, toy phone
General Description
The AS2507 is a CMOS integrated circuit that
contains all the functions needed to build a 2-
wire intercom network.
The device incorporates 2/4-wire conversion
(hybrid), soft clipping for high speech quality,
FSK modem and a simple interface to a
microcontroller.
The signalling mode is selectable between
FSK modulation and burst mode.
The low standby current (typ. 2 mA) allows
several devices to listen to the 2-wire line.
The speech circuit is designed for compatibility
with commonly used handset (150
Ω earpiece
and electret microphone) with receive gain of
-6 dB and transmit gain of 32 dB (relative to
line).
Package
Available in 14 pin DIP and 16 pin SOIC
Block Diagram


Similar Part No. - AS2507P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS250 ETC-AS250 Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
logo
Pentair Equipment Prote...
AS250 HOFFMANPRODUCTS-AS250 Datasheet
611Kb / 4P
HOL-SEALERS™ Hole Seals
logo
List of Unclassifed Man...
AS250-2-M ETC-AS250-2-M Datasheet
225Kb / 1P
AMASS
V1.2
logo
ams AG
AS2504 AMSCO-AS2504 Datasheet
202Kb / 12P
Cordless telephone, answering machine line interface
logo
List of Unclassifed Man...
AS250SS ETC-AS250SS Datasheet
442Kb / 4P
HOL-SEALERS Hole Seals
More results

Similar Description - AS2507P

ManufacturerPart #DatasheetDescription
logo
ams AG
AS2525 AMSCO-AS2525 Datasheet
264Kb / 26P
Single-Chip Handsfree Phone CMOS Integrated Circuit
logo
List of Unclassifed Man...
FX419 ETC-FX419 Datasheet
296Kb / 6P
SINGLE CHIP CMOS LSI CIRCUIT
logo
Samsung semiconductor
KS9211 SAMSUNG-KS9211 Datasheet
1Mb / 29P
CMOS INTEGRATED CIRCUIT
KS9282B SAMSUNG-KS9282B Datasheet
603Kb / 29P
CMOS INTEGRATED CIRCUIT
KS5851 SAMSUNG-KS5851 Datasheet
315Kb / 6P
CMOS INTEGRATED CIRCUIT
logo
ams AG
AS2525 AMSCO-AS2525_1 Datasheet
461Kb / 27P
Single-Chip Handsfree Phone CMOS Integrated Circuit
AS2525B AMSCO-AS2525B Datasheet
836Kb / 28P
Single-Chip Handsfree Phone CMOS Integrated Circuit
logo
Renesas Technology Corp
UPD5715GR RENESAS-UPD5715GR Datasheet
344Kb / 16P
CMOS INTEGRATED CIRCUIT
2006
UPD5716GR RENESAS-UPD5716GR Datasheet
302Kb / 16P
CMOS INTEGRATED CIRCUIT
2006
UPD5738T6N RENESAS-UPD5738T6N Datasheet
254Kb / 13P
CMOS INTEGRATED CIRCUIT
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com