Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2520B Datasheet(PDF) 1 Page - ams AG

Part # AS2520B
Description  Telephone Speech Circuit with Loudhearing and Handsfree
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2520B Datasheet(HTML) 1 Page - ams AG

  AS2520B Datasheet HTML 1Page - ams AG AS2520B Datasheet HTML 2Page - ams AG AS2520B Datasheet HTML 3Page - ams AG AS2520B Datasheet HTML 4Page - ams AG AS2520B Datasheet HTML 5Page - ams AG AS2520B Datasheet HTML 6Page - ams AG AS2520B Datasheet HTML 7Page - ams AG AS2520B Datasheet HTML 8Page - ams AG AS2520B Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Preliminary
AS2520/21/20B/21B
Rev. 5.1
Page 1
May 1999
Key Features
u Line/speech circuit, loudhearing, handsfree and
dc/dc converter on one 28 pin CMOS chip
u Operating range from 13 to 100 mA (down to 5
mA with reduced performance)
u Soft clipping control eliminating harsh distortion
u Volume control of receive signal with squelch and
automatic loop gain compensation
u Line loss compensation pin selectable
u Low noise (max. - 72 dBmp)
u Real or complex impedance adjustable
u NET 4 compatible
u Dynamically controlled voice switching
u Same monitor amplifier for loudhearing, handsfree
and tone ringer
u Very few external components
u Power derived from ring signal by switching
converter during ringing
Typical Application
General Description
The
AS2520/21/20B/21B
are
CMOS
integrated
circuits that contain all the audio functions needed to
form a high comfort, line-powered telephone.
The devices incorporate line adaptation, speech
circuit, loudhearing and handsfree - all supervised by
the novel voice and power control circuit. A switching
converter is also provided for converting the ring
signal. The interface to a dialler/controller is made
very simple to allow easy adaptation to a telecom
microcontroller.
The AS2520 series incorporate volume control for the
earpiece and the loudspeaker (AS2520 digital with +/-
keys and AS2521 analogue with potentiometer). The
volume control circuit automatically compensates the
loop gain to ensure acoustic stability.
Package
Available in 28 pin SOP and DIP.
Lb
3V
La
AS2520
DIALLER
µCONTROLLER
LCD DRIVER
1
2
3
4
5
6
7
8
9
*
0
#
HSM
HFM
TELEPHONE
SPEECH CIRCUIT
WITH
LOUDHEARING,
HANDSFREE,
DC/DC CONVERTER
Figure 1: Typical Handsfree Telephone Application
Austria Mikro Systeme International AG
Telephone Speech Circuit
with Loudhearing and Handsfree


Similar Part No. - AS2520B

ManufacturerPart #DatasheetDescription
logo
ams AG
AS2522B AMSCO-AS2522B Datasheet
365Kb / 19P
Telephone Line Interface and Speakerphone Circuit
AS2522B AMSCO-AS2522B Datasheet
1Mb / 20P
Telephone Line Interface and Speakerphone Circuit
AS2522BF AMSCO-AS2522BF Datasheet
365Kb / 19P
Telephone Line Interface and Speakerphone Circuit
AS2522BF AMSCO-AS2522BF Datasheet
1Mb / 20P
Telephone Line Interface and Speakerphone Circuit
AS2522BQ AMSCO-AS2522BQ Datasheet
365Kb / 19P
Telephone Line Interface and Speakerphone Circuit
More results

Similar Description - AS2520B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1098 PHILIPS-TEA1098 Datasheet
199Kb / 40P
Speech and handsfree IC
1999 Oct 14
TEA1098A PHILIPS-TEA1098A Datasheet
185Kb / 40P
Speech and handsfree IC
2000 Mar 21
TEA1099H PHILIPS-TEA1099H Datasheet
185Kb / 40P
Speech and handsfree IC with auxiliary inputs/outputs and analog multiplexer
1999 Apr 08
logo
STMicroelectronics
LS656 STMICROELECTRONICS-LS656 Datasheet
824Kb / 13P
TELEPHONE SPEECH CIRCUIT WITH MULTIFREQUENCY TONE GENERATOR INTERFACE
15-Jul-2015
LS256 STMICROELECTRONICS-LS256 Datasheet
84Kb / 8P
TELEPHONE SPEECH CIRCUIT WITH MULTIFREQUENCY TONE GENERATOR INTERFACE
Nov-1996
logo
List of Unclassifed Man...
LS356 ETC1-LS356 Datasheet
542Kb / 13P
TELEPHONE SPEECH CIRCUIT WITH MULTIFREQUENCY TONE GENERATOR INTERFACE
logo
STMicroelectronics
L3280 STMICROELECTRONICS-L3280 Datasheet
218Kb / 6P
LOW VOTAGE TELEPHONE SPEECH CIRCUIT
Jun-1983
logo
National Semiconductor ...
TP5700A NSC-TP5700A Datasheet
185Kb / 8P
Telephone Speech Circuit
logo
STMicroelectronics
LS656AD1 STMICROELECTRONICS-LS656AD1 Datasheet
569Kb / 12P
TELEPHONE SPEECH CIRCUIT WITH MULTIFREQUENCY TONE GENERATOR INTERFACE
logo
TEMIC Semiconductors
U4030B TEMIC-U4030B Datasheet
167Kb / 14P
Telephone Speech Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com