Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2520P Datasheet(PDF) 13 Page - ams AG

Part # AS2520P
Description  Telephone Speech Circuit with Loudhearing and Handsfree
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2520P Datasheet(HTML) 13 Page - ams AG

Back Button AS2520P Datasheet HTML 6Page - ams AG AS2520P Datasheet HTML 7Page - ams AG AS2520P Datasheet HTML 8Page - ams AG AS2520P Datasheet HTML 9Page - ams AG AS2520P Datasheet HTML 10Page - ams AG AS2520P Datasheet HTML 11Page - ams AG AS2520P Datasheet HTML 12Page - ams AG AS2520P Datasheet HTML 13Page - ams AG AS2520P Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Preliminary
AS2520/21/20B/21B
Rev. 5.1
Page 13
May 1999
Application Diagramme
TI
LI
La
Lb
Vss
CS
VDD
PD
MT
RO
M1
CI
STB
LSI
AGND
LS
RI
HS
LO
VPP
CM
LE
M3
SS
RTH
VSSP
M2
M4
LLC
15 n
10 n
300
1k8
7k5
10 µ
100 n
100 n
100 µ
32
470 µ
5k6
10 k
2N5551
2.2 mH
5V1
MPSA92
33 n
510
1µ5
510
1µ5
BC327
100 µ
33 n
10 µ
BC327
10 V
30
27
25
26
1
28
4
9
16
18
15
17
10
5
24
11
12
14
7
13
20
8
3
6
22
2
19
21
VOL
100 k
23
Side tone
balance
network
AGND
15 n
100 n
100 n
2k2
1k2
1k2
220 µ
1 µ
INPUT FOR DTMF
AND
TONE RINGER MELODIES
CONTROL INPUTS
(FROM µC)
VDD
VDD
VOL+
VOL-
10 k
AS2521
AS2520
High
Low
Off
1k8
1k8
Figure 9: Application Diagramme
Applications Hints
Interface to Microcontroller
In off-hook condition the microcontroller can be supplied from V
DD of AS252x. The digital inputs (HS, LE, PD, and
MT) must be kept low until V
DD has reached its minimum operating voltage (>2.5V).
Radio Frequency Interference
The RFI sensitivity has been minimised by the consequent use of CMOS technology and one overall ground and
by having differential inputs with a relative low input impedance.
For further application information see application notes for the AS2520 series.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com