Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2578N Datasheet(PDF) 2 Page - ams AG

Part # AS2578N
Description  TELEPHONE CONTROLLER WITH 13 MEMORIES AND 2-WIRE BUS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2578N Datasheet(HTML) 2 Page - ams AG

  AS2578N Datasheet HTML 1Page - ams AG AS2578N Datasheet HTML 2Page - ams AG AS2578N Datasheet HTML 3Page - ams AG AS2578N Datasheet HTML 4Page - ams AG AS2578N Datasheet HTML 5Page - ams AG AS2578N Datasheet HTML 6Page - ams AG AS2578N Datasheet HTML 7Page - ams AG AS2578N Datasheet HTML 8Page - ams AG AS2578N Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Data Sheet
Rev. 3
2
AS2578 /B
March 1997
PinDescription
Pin #
Symbol
Function
1C4
KeyboardColumns
2C3
3C2
4C1
5HS
HookSwitchInput
This input is active high with internal pull-down resistor.
6
MODE
Signalling (LD/MF) Default Mode Select Input
Mode pin
Function
High
LD default mode, make/break pulse 33/66 ms
Open
MF only
Low
LD default mode, make/break pulse 40/60 ms
7CE
Chip Enable Input
This input is active high with internal pull-down resistor and is used to initiate setup
procedures.
8
OSC2
Oscillator Input
9
OSC1
Oscillator Output
Oscillator pins for Xtal or ceramic resonator (3.58 MHz). When a ceramic resonator is used
a capacitor (10 - 22 pF) must be connected from each of the oscillator pins to V
SS.
10
Vss
Negative Power Supply
11
TONE
DTMF Tone Output
The dual tones provided at this output have a level independent of the supply voltage in
the operating range from 2.5 to 5.5V.
13
SDA
Serial Data I/O
SDA is a bidirectional pin with an open drain with internal pull-up resistor and is used to
transfer data into and out of a compatible EEPROM.
14
SCL
Serial Clock Line Output
The SCL output is an open drain with internal pull-up resistor and is used to clock data into
and out of a compatible EEPROM.
15
FCI
Frequency Comparator Input
Schmitt trigger input for ring frequency discrimination.
12
MO
Melody Generator Output
Melodies for tone ringing are generated on this output. The output signal is PDM.
16
MUTE
MuteOutput
This push-pull output is high during dialling and when mute key has been activated,
otherwise low.
17
MASK
MaskOutput
This push-pull output is high during pulsing (make and break periods).
Continues…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com