Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2590N Datasheet(PDF) 3 Page - ams AG

Part # AS2590N
Description  LC DISPLAY DRIVER WITH 18 DIGITS, 6 SYMBOLS AND CLOCK/TIMER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2590N Datasheet(HTML) 3 Page - ams AG

  AS2590N Datasheet HTML 1Page - ams AG AS2590N Datasheet HTML 2Page - ams AG AS2590N Datasheet HTML 3Page - ams AG AS2590N Datasheet HTML 4Page - ams AG AS2590N Datasheet HTML 5Page - ams AG AS2590N Datasheet HTML 6Page - ams AG AS2590N Datasheet HTML 7Page - ams AG AS2590N Datasheet HTML 8Page - ams AG AS2590N Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Data Sheet
AS2590
Rev. 1
Dec. 1993
Pin Description Continued
DIL
PLCC
Symbol
Function
42
45
SDA
Serial data line input to dialler/controller
43
47
SCL
Clock line input of serial data link
44
48
V
BIAS
Oscillator bias input, recommended bias resistor 2.2 M
Ω
45
49
XTAL1
Oscillator pins for 32.768 kHz crystal, a resistor and two capacitors
46
50
XTAL2
47
51
MS
Mode select input:
MS = V
SS › clock/timer disabled
MS = V
DD › clock/timer enabled
48
52
V
DD
Positive supply pin
Digit Description
Segment
ABC
D
E
F
G
0
numbers
on on on on on on
1
0…9
on on
2
onon
onon
on
3
onon onon
on
4
onon
onon
5on
on on
on on
6
on
onononon on
7on on on
8
onon onononon on
9
on onon
onon
a
letter A
on on on
on
b
letter B
on on on on on
c
letter C
on on
on
d
Letter D
on on on on
on
_
underscore
on
*
asterisk
on on
on on
#
hash
on
on on on
on
-
pause
on
P/T
temp. MF
on
on
on
r
recall
on
on
LCD Layout
A
G
D
B
C
F
E
Figure 2
D
0
D
1
D
2
D
3
D
4
D
5
D
6
D
7
D
8
D
9
D
10
D
11
D
12
D
13
D
14
D
15
D
16
D
17
SB3
SB5
SB4
SB2
SB0
SB1
Figure 1
Table 1 Segments Digits
SB0 = loudspeaker on (blinking with 1 Hz)
SB1 = microphone muted (blinking with 1 Hz)
SB2 = 2nd key function enabled
SB3 = number stored
SB4 = number buffered in FIFO, not stored
SB5 = colon for clock and timer (blinking when clock is
shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com