Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2701AT Datasheet(PDF) 10 Page - ams AG

Part # AS2701AT
Description  AS-Interface Slave IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2701AT Datasheet(HTML) 10 Page - ams AG

Back Button AS2701AT Datasheet HTML 6Page - ams AG AS2701AT Datasheet HTML 7Page - ams AG AS2701AT Datasheet HTML 8Page - ams AG AS2701AT Datasheet HTML 9Page - ams AG AS2701AT Datasheet HTML 10Page - ams AG AS2701AT Datasheet HTML 11Page - ams AG AS2701AT Datasheet HTML 12Page - ams AG AS2701AT Datasheet HTML 13Page - ams AG AS2701AT Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AS-Interface Slave IC
AS2701A (ISA3+)
Rev. C, October 2000
Page 10 of 16
e) Interface to the ext. E
2PROM (U5R, SCL, SDA) / functional,
electrical and timing characteristics
Symbol
Parameter
min
max
Unit
Note
VU5R
Output Voltage to E
2PROM
4.5
5.5
V
IU5R
≤3 mA
CU5R
Load Capacity to U5R
10
220
nF
Ceramics capacitor
IU5R
Output Current to U5R
3
mA
VOL
Output Voltage “Low”
0
0.2 * VU5R
V
IOL = 10 µA
VOH
Output Voltage “High”
0.8 * VU5R
VU5R
V
-IOH = 10 µA
VIL
Input Voltage “Low”(only SDA)
-0.3
0.3 * VU5R
V
-IIL = 1.5… 0.2mA
VIH
Input Voltage “High”(only SDA)
0.7 * VU5R
VU5R + 0.3
V
IIH = -1… 1 µA
tDATAinSU
Set-up Time for Data Input
0.25
µs
tDATAinHO
Hold Time for Data Input
0
µs
tAA
Time from SCK Low to SDA
Data Out and ACK Out
3.5
µs
tDATAoutHO
Hold Time for Data Output
0.3
µs
tSTARTSU
Set-up Time for Start Condition
4.7
µs
tSTARTHO
Hold Time for Start Condition
4
µs
tSTOPSU
Set-up Time for Stop Condition
4.7
µs
tBUF
Time which has to be Free for
Bus: Before Next Transmission
4.7
µs
tR
Rise Time
1000
ns
tF
Fall Time
300
ns
tLOW
Impulse LOW Time
4700
ns
tHIGH
Impuls HIGH Time
4000
ns
tSCL
Clock Frequency for E
2PROM
100
kHz
fc = 5.333 MHz
SCL
SDA in
SDA out
t
STARTSU
t
LOW
t
DATAinHO
t
DATAoutHO
t
DATAinSU
t
STARTHO
t
F
t
F
t
AA
t
HIGH
t
STOPSU
t
R
t
BUF
t
R
The U5R supply pin provides a typically 5V supply voltage to the external E
2PROM, and has a
biasing capability only for this purpose.
Programming of the E
2PROM is possible with the E2PROM soldered-in into the AS-Interface
Slave unit's pc-board by accessing the SCL / SDA serial bus with an external programming
hardware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com