Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2702-16T Datasheet(PDF) 16 Page - ams AG

Part # AS2702-16T
Description  AS-Interface Slave IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702-16T Datasheet(HTML) 16 Page - ams AG

Back Button AS2702-16T Datasheet HTML 10Page - ams AG AS2702-16T Datasheet HTML 11Page - ams AG AS2702-16T Datasheet HTML 12Page - ams AG AS2702-16T Datasheet HTML 13Page - ams AG AS2702-16T Datasheet HTML 14Page - ams AG AS2702-16T Datasheet HTML 15Page - ams AG AS2702-16T Datasheet HTML 16Page - ams AG AS2702-16T Datasheet HTML 17Page - ams AG AS2702-16T Datasheet HTML 18Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
AS-Interface Slave IC
AS2702 (SAP4.1)
Rev. C, January 2001
Page 16 of 18
$SSOLFDWLRQ([DPSOH
Sensor/actuator circuit supplied by the ASI Slave IC (UOUT) for supply current needs
≤ 50 mA.
C1 = 100 nF / 35 V
C2 = 100 nF / 6 V
C3 = 10...470 µF / 30 V
C4 = 22...100 nF / 30 V
V1 = 1N4002 or equivalent
V2 = TGL 41-39A or equivalent
G1 = AS-Interface Crystal 5.333 MHz
$6 ,QWHUIDFH4XDUW]0+]
AS2702 works fine with the following crystal types:
Citizen CM 309
Philips SQ 4849
AS-Interface quartz crystals are available from:
Endrich GmbH
Geyer electronic
Contact: Axel Gensler
Contact: Jürgen Blank
Hauptstr. 56
Camerloherstr. 71
D-72202 Nagold
D-80689 München
Tel.: +49-7452-6007-31
Tel.: +49-89-546868-13
Fax: +49-7452-6007-70
Fax: +49-89-546868-90
Email: a.gensler@endrich.com
ASI Line
ASI-P
C2
G1
C1
C3
C4
V2
V1
$6 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com