Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS2702-16 Datasheet(PDF) 13 Page - ams AG

Part # AS2702-16
Description  AS-Interface Slave IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2702-16 Datasheet(HTML) 13 Page - ams AG

Back Button AS2702-16 Datasheet HTML 9Page - ams AG AS2702-16 Datasheet HTML 10Page - ams AG AS2702-16 Datasheet HTML 11Page - ams AG AS2702-16 Datasheet HTML 12Page - ams AG AS2702-16 Datasheet HTML 13Page - ams AG AS2702-16 Datasheet HTML 14Page - ams AG AS2702-16 Datasheet HTML 15Page - ams AG AS2702-16 Datasheet HTML 16Page - ams AG AS2702-16 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AS-Interface Slave IC
AS2702 (SAP4.1)
Rev. C, January 2001
Page 13 of 18
6\PERO
3DUDPHWHU
PLQ
PD[
8QLW
1RWH
ILED
Sink current @ output L
10
mA
VOUT = 1V
IOUTHI
Leackage current @ output off
- 10
10
µA
VOUT = 5V
VIN
Acceptable input voltage @ out-
put off
- 0.3
40
V
fBLINK
Blinking frequency
2
3
Hz
'DWD &RPPXQLFDWLRQ:DWFKGRJ
AS2702 is equipped with a watchdog timer to supervise data communication by monitoring
the strobe signals at pins DSTBn and PSTBn.
If a parameter or data strobe is not followed by a consecutive strobe within a time period of
50 … 100 ms, the watchdog is triggered and initiates a ‘soft’ reset, see section ‘Reset’
5(6(7
There are 2 categories of reset-events, leading to 2 slightly different reset-conditions of the
slave device:
1) a ‘hard’ reset taking place at power-up and power-down of supply-voltages U5R and
UOUT.
At power-up the slave device leaves reset-condition as soon as U5R has passed 3.75V
and UOUT has passed VCOMOFF = nom. 10V.
At power-down the slave device is forced into reset-condition as soon as U5R drops below
3.75V.
(Tolerance of the threshold voltages referred to is -/+ 5%.)
2) a ‘soft’ reset, resulting from one of the following events:
2.1) Data strobe pin DSTBn is kept L for more than 100 ms;
2.2) Master command ‘RESET SLAVE’ is received;
2.3) Master command ‘RESET BROADCAST’ is received;
2.4) The communication watchdog is triggered.
A ‘hard’ reset event conditions the slave device as follows:
• Internal states (counters, flags, …) are reset
• The slave device’s receiver is desynchronized from the AS-interface bus
• The low-side open-drain output stages at ports D3, …, D0 and ports P3, …, P0 are
switched off
• Any test-mode will be cancelled.
A ‘soft’ reset has the following consequences:
• A regular, nominal 6µs L-phase strobe is generated on both the DSTBn and PSTBn pin
• The low-side open-drain output stages at ports D3, …, D0 and ports P3, …, P0 are
switched off
• Internal states (counters, flags, …) are reset, however the following states and operations
are not affected:
•
the timer function which controls blinking of LED1 and LED2
•
the data communication watchdog
•
any testmode
•
any EEPROM write operation.
Remark:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com