Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS20H Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # BAS20H
Description  200mA Surface Mount Switching Diode-200V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

BAS20H Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  BAS20H Datasheet HTML 1Page - WILLAS ELECTRONIC CORP BAS20H Datasheet HTML 2Page - WILLAS ELECTRONIC CORP BAS20H Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOD– 323
2
ANODE
1
CATHODE
MAXIMUMRATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
VR
Peak Forward Current
I F
200
mAdc
Peak Forward Surge Current
IFM(surge)
625
mAdc
THERMALCHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5 Board,*
PD
200
mW
TA = 25°C
Derate above 25°C
1.57
mW/°C
Thermal Resistance Junction to Ambient
RθJA
635
°C/W
Junction and Storage
TJ, Tstg
–55 to+150
°C
Temperature Range
*FR–5 Minimum Pad
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Voltage Leakage Current
I R
µAdc
(VR = 200 Vdc)
–
1.0
(VR = 200 Vdc, TJ = 150°C)
–
100
Reverse Breakdown Voltage
V(BR)
200
–
Vdc
(IBR = 100 µAdc)
Forward Voltage
VF
mV
(IF = 100 mAdc)
–
1000
(IF = 200 mAdc)
–
1250
Diode Capacitance
CD
–
5.0
pF
(VR = 0, f = 1.0 MHz)
Reverse Recovery Time
trr
–50
ns
(IF = IR = 30 mAdc, RL = 100 Ω)
Switching Diode
High Voltage
Ordering Information
Device
Marking
Shipping
BAS20H
JR
3000/Tape&Reel
We declare that the material of product
compliance with RoHS requirements.
200
Vdc
2012-1
WILLAS ELECTRONIC CORP.
BAS20H
200mA Surface Mount Switching Diode-200V
SOD-323 Package
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
•
•
•
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
• Case : Molded plastic, SOD-123H
• Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
• Polarity : Indicated by cathode band
• Mounting Position : Any
• Weight : Approximated 0.011 gram
•
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
℃
℃
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
•
• Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”
Moisture Sensitivity Level 1
Polarity: Color band denotes cathode end


Similar Part No. - BAS20H

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS20H WEITRON-BAS20H Datasheet
327Kb / 3P
Surface Mount Switching Diode
logo
Galaxy Semi-Conductor H...
BAS20H BILIN-BAS20H Datasheet
178Kb / 3P
High Voltage Switching Diodes
Rev.A
logo
Shenzhen Luguang Electr...
BAS20H LUGUANG-BAS20H Datasheet
226Kb / 2P
High Voltage Switching Diodes
logo
PACELEADER INDUSTRIAL
BAS20H PACELEADER-BAS20H Datasheet
399Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Microdiode Semiconducto...
BAS20H CHENDA-BAS20H Datasheet
345Kb / 3P
High Voltage Switch ing Diodes
More results

Similar Description - BAS20H

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
BAS21H WILLAS-BAS21H Datasheet
315Kb / 3P
200mA Surface Mount Switching Diode-250V
MMDL914 WILLAS-MMDL914 Datasheet
313Kb / 3P
200mA Surface Mount Switching Diode - 100V
MMDL6050 WILLAS-MMDL6050 Datasheet
327Kb / 3P
200mA Surface Mount Switching Diode - 70V
logo
SUNMATE electronic Co.,...
1SS400T1 SUNMATE-1SS400T1 Datasheet
187Kb / 2P
200mA Surface Mount High Speed Switching Diode
BAS16HT1 SUNMATE-BAS16HT1 Datasheet
304Kb / 2P
200mA Surface Mount Switching Diode
BAS16HT1G SUNMATE-BAS16HT1G Datasheet
315Kb / 2P
200mA Surface Mount Switching Diode
BAS19-V SUNMATE-BAS19-V Datasheet
97Kb / 1P
200mA Surface Mount Small Signal Switching Diode
BAS85 SUNMATE-BAS85 Datasheet
276Kb / 2P
200mA Surface Mount Schottky Barrier Diode
BAS86 SUNMATE-BAS86 Datasheet
299Kb / 2P
200mA Surface Mount Schottky Barrier Diode
BAV19WS-V SUNMATE-BAV19WS-V Datasheet
311Kb / 2P
200mA Surface Mount Small Signal Fast Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com