Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV19WS Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # BAV19WS
Description  SOD-323 Plastic-Encapsulate Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

BAV19WS Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  BAV19WS Datasheet HTML 1Page - WILLAS ELECTRONIC CORP BAV19WS Datasheet HTML 2Page - WILLAS ELECTRONIC CORP BAV19WS Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOD-323 Plastic-Encapsulate Diodes
FAST SWITCHING DIODE
FEATURES
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
For General Purpose Switching Applications
MARKING: BAV19WS: A8
BAV20WS: T2
BAV21WS: T3
Maximum Ratings and Electrical Characteristics, Single Diode @Ta=25
℃
Parameter
Symbol
BAV19WS
BAV20WS
BAV21WS
Unit
Non-Repetitive Peak Reverse Voltage
VRM
120
200
250
V
Peak Repetitive Peak Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
150
2
50
V
RMS Reverse Voltage
VR(RMS)
71
106
141
V
Forward Continuous Current
IFM
400
mA
Average Rectified Output Current
IO
200
mA
Peak Forward Surge Current @t=1.0ms
@t=1.0s
IFSM
2.5
0.5
A
Repetitive Peak Forward Current
IFRM
625
mA
Power Dissipation
Pd
250
mW
Thermal Resistance Junction to
Ambient
RθJA
500
℃/W
Storage Temperature
TSTG
-55~+150
℃
Electrical Ratings @Ta=25
℃
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
VF1
1.0
IF=0.1A
Forward voltage
VF2
1.25
V
IF=0.2A
0.1
VR=100V
0.1
VR=150V
Reverse current
BAV19WS
BAV20WS
BAV21WS
IR
0.1
μA
VR=200V
Capacitance between terminals
CT
5
pF
VR=0V,f=1MHz
Reverse recovery time
trr
50
ns
IF=IR=30mA
Irr=0.1XIR,RL=100Ω
SOD-323
BAV19WS
BAV20WS
BAV21WS
2012-1
WILLAS ELECTRONIC CORP.
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
•
•
•
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
• Case : Molded plastic, SOD-123H
• Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
• Polarity : Indicated by cathode band
• Mounting Position : Any
• Weight : Approximated 0.011 gram
•
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
℃
℃
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
•
•
Polarity: Color band denotes cathode end
Moisture Sensitivity Level 1


Similar Part No. - BAV19WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV19WS PANJIT-BAV19WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV19WS DIODES-BAV19WS Datasheet
61Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 7 - 2
logo
General Semiconductor
BAV19WS GE-BAV19WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
logo
Diotec Semiconductor
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Diodes Incorporated
BAV19WS DIODES-BAV19WS Datasheet
352Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 11 - 2
More results

Similar Description - BAV19WS

ManufacturerPart #DatasheetDescription
logo
Daya Electric Group Co....
BAV16WS DAYA-BAV16WS Datasheet
179Kb / 2P
SOD-323 Plastic-Encapsulate Diodes
logo
WILLAS ELECTRONIC CORP
1N4148WS WILLAS-1N4148WS Datasheet
520Kb / 3P
SOD-323 Plastic-Encapsulate Diodes
1N4148WS WILLAS-1N4148WS Datasheet
481Kb / 3P
SOD-323 Plastic-Encapsulate Diodes
1N4448WS WILLAS-1N4448WS Datasheet
454Kb / 3P
SOD-323 Plastic-Encapsulate Diodes
logo
Zhaoxingwei Electronics...
BAT60A ZHAOXINGWEI-BAT60A Datasheet
3Mb / 1P
SOD-323 Plastic-Encapsulate Diodes
logo
Nanjing International G...
B5817WS-1A-SOD-323 DGNJDZ-B5817WS-1A-SOD-323 Datasheet
572Kb / 3P
SOD-323 Plastic-Encapsulate Diodes
logo
Tiger Electronic Co.,Lt...
BZT52B5V1S TGS-BZT52B5V1S Datasheet
1Mb / 5P
SOD-323 Plastic-Encapsulate Diodes
logo
Nanjing International G...
B1040WS DGNJDZ-B1040WS Datasheet
1,023Kb / 4P
SOD-323 Plastic-Encapsulate Diodes
1N4148WS DGNJDZ-1N4148WS_V01 Datasheet
1Mb / 5P
SOD-323 Plastic-Encapsulate Diodes
logo
Guangdong Youtai Semico...
CESD3V3D3 UMW-CESD3V3D3 Datasheet
608Kb / 5P
SOD-323 Plastic-Encapsulate Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com