Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV21 Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # BAV21
Description  BAV21 SIGNAL DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

BAV21 Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  BAV21 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP BAV21 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAV21
BAV21 SIGNAL DIODE
Absolute Maximum Ratings (Ta=25
°C)
Items
Symbol
Ratings
Unit
Reverse Voltag
VRRM
250
V
Reverse Recovery
Time
tr
50
ns
Power Dissipation
3.33mW/
°C (25°C)
P
500
mW
Forward Current
IF
250
mA
Junction Temp.
Tj
-65 to 175
°C
Storage Temp.
Tstg
-65 to 175
°C
Mechanical Data
Items
Materials
Package
DO-35
Case
Hermetically sealed glass
Lead/Finish
Double stud/Solder Plating
Chip
Glass Passivated
Dimensions (DO-35)
Dimensions in millimeters
Electrical Characteristics (Ta=25
°C)
Ratings
Symbol
Ratings
Unit
Breakdown Voltage
IR= 100uA
BV
250
V
Peak Forward Surge Current PW= 1sec.
IFsurge
1.0
A
Maximum Forward Voltage
IF= 100mA
VF
1.0
V
Maximum Reverse Current
VR=1 50V
VR=150V,Tj= 100
°C
IR
0.10
15
uA
Maximum Junction Capacitance
VR= 0, f= 1 MHz
Cj
1.5
pF
Max Reverse Recovery Time
IF=IR= 30mA, VR= 6V, iR= 3mA,RL= 100
Ω
trr
50
ns
1. 02(26 .0)
MIN.
.022(0.55)
.018(0.45)
1. 02(26 .0)
MIN.
.087(2.2)
.067(1.7)
.153(3.6)
.132(3.0)
WILLAS
WILLAS ELECTRONIC CORP.
SCS501V
VOLTAGE 40V
0.1AMP Schottky Barrier Rectifiers
FEATURES
* Extremely Low VF
* Extremely thin package
* Low stored charge
* Majority carrier conduction
* Case:Molded plastic, JEDEC SOD-323(SC-76)
* Terminal : Solder plated, solderable per MIL-STD-750,
Method 2026
* Polarity : Indicated by cathode band
* Mounting Position : Any
* Weight : 0.000159 ounce, 0.0045 gram
MAXIMUM RATING AND ELECTRICAL CHARACTERISTICS
Rating 25
oC ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
Symbol
Min.
Typ.
Max.
Unit
VRM
45
V
VR
40
V
I F = 10mA DC
F1
V
V
VR = 10V DC
IR
0.55
0.34
µ A
IO
30
A
A
TJ
oC
TSTG
oC
1
Continuous Reverse Voltage
Parameter
Forward Voltage
IFSM
Operating Temperature
Mean Rectifying Current
Conditions
Repetitive Peak Reverse Voltage
Storage Temperature
Reverse Current
V
F2
V
I F = 100mA DC
0.1
125
Peak forward surge current
Capacitance between terminals
CT
6.0
pF
-40
SOD-323(SC-76)
Marking Code: JV or 4
.010 (0.25)
min.
.012 (0.3)
.059 (1.5)
Cathode Band
Top View
.043 (1.1)
Dimensions in inches
and (millimeters)
+125
MECHANICAL DATA
Pb Free Product
2004.12


Similar Part No. - BAV21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV21 PHILIPS-BAV21 Datasheet
54Kb / 12P
General purpose diodes
1999 May 25
logo
Vishay Siliconix
BAV21 VISHAY-BAV21 Datasheet
129Kb / 5P
Small Signal Switching Diodes, High Voltage
20-Apr-06
logo
Fairchild Semiconductor
BAV21 FAIRCHILD-BAV21 Datasheet
36Kb / 1P
General Purpose Diodes
BAV21 FAIRCHILD-BAV21 Datasheet
148Kb / 8P
High Voltage General Purpose Diode
logo
Diodes Incorporated
BAV21 DIODES-BAV21 Datasheet
62Kb / 2P
FAST SWITCHING DIODE
DS22006 Rev. H-2
More results

Similar Description - BAV21

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N4148 RECTRON-1N4148 Datasheet
11Kb / 1P
SIGNAL DIODE
1N4150 RECTRON-1N4150 Datasheet
16Kb / 1P
SIGNAL DIODE
1N4151 RECTRON-1N4151 Datasheet
11Kb / 1P
SIGNAL DIODE
1N4448 RECTRON-1N4448 Datasheet
11Kb / 1P
SIGNAL DIODE
1N4454 RECTRON-1N4454 Datasheet
11Kb / 1P
SIGNAL DIODE
1N914B RECTRON-1N914B Datasheet
11Kb / 1P
SIGNAL DIODE
logo
Isahaya Electronics Cor...
MC2840 ISAHAYA-MC2840 Datasheet
289Kb / 4P
SMALL-SIGNAL DIODE
MC2833 ISAHAYA-MC2833 Datasheet
144Kb / 3P
SMALL-SIGNAL DIODE
logo
GOOD-ARK Electronics
SD101A GOOD-ARK-SD101A Datasheet
125Kb / 3P
Small-Signal Diode
logo
WILLAS ELECTRONIC CORP
1N4148 WILLAS-1N4148 Datasheet
331Kb / 2P
SIGNAL DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com