Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD4448HTX Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # MMBD4448HTX
Description  SOT-523 Plastic-Encapsulate Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

MMBD4448HTX Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  MMBD4448HTX Datasheet HTML 1Page - WILLAS ELECTRONIC CORP MMBD4448HTX Datasheet HTML 2Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT-523
SOT-523 Plastic-Encapsulate Diodes
SWITCHING DIODE
FEATURES
Fast Switching Speed
For General Purpose Switching Applications
High Conductance
Maximum Ratings and Electrical Characteristics, Single Diode @Ta=25
Parameter
Symbol
Limit
Unit
Non-Repetitive Peak Reverse Voltage
VRM
100
V
Peak Repetitive Peak Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
80
V
RMS Reverse Voltage
VR(RMS)
57
V
Forward Continuous Current
IFM
500
mA
Average Rectified Output Current
IO
250
mA
Peak Forward Surge Current @t=1.0
μs
@t =1.0s
IFSM
4.0
1
.5
A
Power Dissipation
PD
150
mW
Thermal Resistance Junction to Ambient
RθJA
833
℃/W
Storage Temperature
TSTG
-55 ~+150
℃
Electrical Ratings @T
a=25
℃
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Reverse
breakdown voltage
VR
80
V
IR=2.5μA
VF1
0.62
0.72
V
IF=5mA
VF2
0.855
V
IF=10mA
VF3
1.0
V
IF=100mA
Forward voltage
VF4
1.25
V
IF=150mA
IR1
0.1
μ
A
VR=70V
Reverse current
IR2
25
nA
VR=20V
Capacitance between terminals
CT
3.5
pF
VR=6V,f=1MHz
Reverse
recovery time
trr
4
ns
VR=6V,IF=5mA
℃
2012-1
WILLAS ELECTRONIC CORP.
MMBD4448HTx
Features
Batch process design, excellent power dissipation offers
better reverse leakage current and thermal resistance.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
High current capability, low forward voltage drop.
High surge capability.
Guardring for overvoltage protection.
Ultra high-speed switching.
Silicon epitaxial planar chip, metal silicon junction.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
•
•
•
•
•
•
•
•
Package outline
Mechanical data
Epoxy : UL94-V0 rated flame retardant
• Case : Molded plastic, SOD-123H
• Terminals :Plated terminals, solderable per MIL-STD-750
,
Method 2026
• Polarity : Indicated by cathode band
• Mounting Position : Any
• Weight : Approximated 0.011 gram
•
0.146(3.7)
0.130(3.3)
0.012(0.3) Typ.
0.071(1.8)
0.056(1.4)
0.040(1.0)
0.024(0.6)
0.031(0.8) Typ.
0.031(0.8) Typ.
Dimensions in inches and (millimeters)
SOD-123H
Pb Free Product
1.0A SURFACE MOUNT SCHOTTKY
SOD-123
PACKAGE
WILLAS
BARRIER RECTIFIERS -20V- 200V
FM120-M
THRU
FM1200-M
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
WILLAS ELECTRONIC CORP.
201
2-06
 
RATINGS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Marking Code
12
13
14
15
16
18
10
115
120
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
14
21
28
35
42
56
70
105
140
20
30
40
50
60
80
100
150
200
Volts
Volts
Volts
Maximum Average Forward Rectified Current
 
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
IO
 
IFSM
1.0
 
30
Amps
 
Amps
Typical Thermal Resistance (Note 2)
RΘJA
Typical Junction Capacitance (Note 1)
CJ
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
 
 
-55 to +125
40
120
 
- 65 to +175
 
 
-55 to +150
℃/W
PF
℃
℃
 
CHARACTERISTICS
SYMBOL FM120-MH FM130-MH FM140-MH FM150-MH FM160-MH FM180-MH FM1100-MH FM1150-MH FM1200-MH UNIT
Maximum Forward Voltage at 1.0A DC
VF
0.50
0.70
0.85
0.9
0.92
Volts
@TA=25℃
0.5
Maximum Average Reverse Current at
Rated DC Blocking Voltage
@TA=125℃
IR
10
 
mAmps
 
NOTES:
1- Measured at 1 MHZ and applied reverse voltage of 4.0 VDC.
2- Thermal Resistance From Junction to Ambient
 
 
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
•
•
Pb-Free package is available
RoHS product for packing code suffix ”G”
Halogen free product for packing code suffix “H”
Moisture Sensitivity Level 1


Similar Part No. - MMBD4448HTX

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
MMBD4448HTX GWSEMI-MMBD4448HTX Datasheet
987Kb / 3P
Plastic-Encapsulate Diodes
More results

Similar Description - MMBD4448HTX

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
BAS21T WILLAS-BAS21T Datasheet
322Kb / 2P
SOT-523 Plastic-Encapsulate Diodes
BAV70T WILLAS-BAV70T Datasheet
374Kb / 3P
SOT-523 Plastic-Encapsulate Diodes
MMBD4148T WILLAS-MMBD4148T Datasheet
339Kb / 3P
SOT-523 Plastic-Encapsulate Diodes
logo
Jiangsu Changjiang Elec...
2SA1832 JIANGSU-2SA1832 Datasheet
1Mb / 4P
SOT-523 Plastic-Encapsulate Transistors
2SC4617 JIANGSU-2SC4617 Datasheet
2Mb / 4P
SOT-523 Plastic-Encapsulate Transistors
2SC4618 JIANGSU-2SC4618 Datasheet
2Mb / 4P
SOT-523 Plastic-Encapsulate Transistors
2SC4738 JIANGSU-2SC4738 Datasheet
2Mb / 4P
SOT-523 Plastic-Encapsulate Transistors
MMBT2222AT JIANGSU-MMBT2222AT Datasheet
4Mb / 4P
SOT-523 Plastic-Encapsulate Transistors
logo
Nanjing International G...
BAS40T DGNJDZ-BAS40T Datasheet
1Mb / 4P
SOT-523 Plastic-Encapsulate Diodes
MTN5003T DGNJDZ-MTN5003T Datasheet
1Mb / 5P
SOT-523 Plastic-Encapsulate MOSFETS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com