Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC6367 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6367
Description  PWM Controlled, PWM/PFM Switchable Step-Up DC/DC Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6367 Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6367 Datasheet HTML 1Page - Torex Semiconductor XC6367 Datasheet HTML 2Page - Torex Semiconductor XC6367 Datasheet HTML 3Page - Torex Semiconductor XC6367 Datasheet HTML 4Page - Torex Semiconductor XC6367 Datasheet HTML 5Page - Torex Semiconductor XC6367 Datasheet HTML 6Page - Torex Semiconductor XC6367 Datasheet HTML 7Page - Torex Semiconductor XC6367 Datasheet HTML 8Page - Torex Semiconductor XC6367 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
XC6367/6368
Series
409
4
GOrdering Information
A
SYMBOL
VOUT/FB
SOFT-START
B
3
M
C
D
E
F
VOUT
FB
VOUT
FB
VOUT
VOUT
Set-up Internal
Set-up Internal
Set-up External
Set-up External
Set-up Internal
Set-up External
Output voltage value : e.g. 3.0V output : (w=3, e=0),
F.B. products (B,D types) : (w=1, e=0)
Oscillator Frequency 300kHz
Package SOT-25
1
2
Oscillator Frequency 100kHz
Oscillator Frequency 180kHz (Custom)
5
Oscillator Frequency 500kHz (Custom)
R
L
Embossed Tape : Standard Feed
: Reverse Feed
XC6367 Series
PWM Control
XC6367qwerty
XC6368 Series
PWM/PFM switching control (same as XC6367 series)
XC6368qwerty
q
w
e
r
t
y
■Packaging Information
GSOT-25
0.4
(0.95)
1.9±0.2
2.9±0.2
+0.1
-0.05
1.1±0.1
0∼0.1
0.15
+0.1
-0.05
04S_02XC6367/68 02.09.12 14:41 ページ 409



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com