Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF110S Datasheet(PDF) 1 Page - Thermtrol Corporation

Part # DF110S
Description  DF SERIES 15 AMP THERMAL CUTOFFS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THERMTROL [Thermtrol Corporation]
Direct Link  http://www.thermtrol.com
Logo THERMTROL - Thermtrol Corporation

DF110S Datasheet(HTML) 1 Page - Thermtrol Corporation

  DF110S Datasheet HTML 1Page - Thermtrol Corporation DF110S Datasheet HTML 2Page - Thermtrol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Thermal DF Series Thermal Cutoffs are single action devices that open when
a preset temperature is reached. They do not reset. The active component of a ther-
mal cutoff is an electrically insulated thermal pellet. This pellet holds a spring loaded
contact against a fixed contact under normal operating temperatures. (See Fig. 1)
When the preset temperature of the cutoff is reached, the pellet liquifies, the springs
relax, and the spring loaded contact is moved away from the fixed contact, opening the
circuit. (See Fig. 2) The DF Series is the right choice for applications requiring an inex-
pensive limit protector with 15A capability.
(Fig. 1) CLOSED
(Fig. 2) OPEN
B
E
C
D
A
FEATURES
• Various temperature settings
• Miniature size
• Current rating: 15 Amp/125
Vac, 10 Amp/250 Vac
• Economical
• Accurate
• Large inventory; same day
shipping
• Various mounting options
APPLICATIONS
Thermal cutoffs are widely
used to prevent damage
from overheating in electrical
products
• APPLIANCES - space
heaters, irons, stoves,
electric blankets, hair
dryers, clothes dryers,
cookers, toaster ovens,
crock pots, mixers, toasters,
microwave ovens, etc.
• MOTORS - air conditioners,
copiers, fans, washing
machines, compressors,
etc.
• ELECTRONICS - TVs,
stereos, tape recorders,
video recorders, fluorescent
lamps, transformers,
computers, surge suppres-
sors, telecommunication
equipment, etc.
www.thermtrol.com
E-mail: sales@thermtrol.com
8914 Pleasantwood Ave., N.W. • P.O. Box 2501 • North Canton, OH 44720 • (330) 497-4148 • Fax (330) 497-4189
DF Series
Standard Dimensions (mm)
AB
C
D
E
25.4±1
10.5±0.5
35±1
ø1±0.05
ø4.0±0.1
Custom lead lengths are available.


Similar Part No. - DF110S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF110S ETC2-DF110S Datasheet
492Kb / 3P
Thermal Cut-Offs
More results

Similar Description - DF110S

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE56004 NTE-NTE56004 Datasheet
20Kb / 2P
TRIAC, 15 Amp
NTE5673 NTE-NTE5673 Datasheet
19Kb / 2P
TRIAC - 15 Amp
logo
List of Unclassifed Man...
DF2-DC ETC2-DF2-DC Datasheet
392Kb / 2P
DF-RELAY
logo
Panasonic Semiconductor
EYP2BN082 PANASONIC-EYP2BN082 Datasheet
369Kb / 8P
Thermal Cutoffs (TCO)
logo
KEC(Korea Electronics)
DF06 KEC-DF06 Datasheet
21Kb / 1P
DF PACKAGE
logo
Panasonic Semiconductor
EYP2BN082 PANASONIC-EYP2BN082_10 Datasheet
168Kb / 7P
Thermal Cutoffs (TCO)/ Thermal-links Small and Insulation Type High Reliability
EYP-2MT098B PANASONIC-EYP-2MT098B Datasheet
220Kb / 6P
Thermal Cutoffs (TCO)/ Thermal-Links
EYP-2BN126 PANASONIC-EYP-2BN126 Datasheet
178Kb / 8P
Thermal Cutoffs (TCO)
logo
List of Unclassifed Man...
G4A01144C ETC2-G4A01144C Datasheet
515Kb / 22P
MICROTEMP Thermal Cutoffs INTRODUCTION
G4A01084C ETC2-G4A01084C Datasheet
515Kb / 22P
MICROTEMP Thermal Cutoffs INTRODUCTION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com