Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC72717PW Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC72717PW
Description  Mobile FM Multiplex Broadcast (DARC) Receiver IC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72717PW Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC72717PW Datasheet HTML 1Page - Sanyo Semicon Device LC72717PW Datasheet HTML 2Page - Sanyo Semicon Device LC72717PW Datasheet HTML 3Page - Sanyo Semicon Device LC72717PW Datasheet HTML 4Page - Sanyo Semicon Device LC72717PW Datasheet HTML 5Page - Sanyo Semicon Device LC72717PW Datasheet HTML 6Page - Sanyo Semicon Device LC72717PW Datasheet HTML 7Page - Sanyo Semicon Device LC72717PW Datasheet HTML 8Page - Sanyo Semicon Device LC72717PW Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LC72717PW
No.A2064-2/26
Specifications
Absolute Maximum Ratings at Ta = 25
C, VSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD
-0.3 to +4.0
V
Input voltage
VIN1
A0/CL, A1/CE, A2/DI, RST, STNBY
(VDD is equal to 2.7V or more.)
-0.3 to +5.6
V
A0/CL, A1/CE, A2/DI, RST, STNBY
(VDD is less than 2.7V.)
-0.3 to VDD+0.3
V
VIN2
Input pin other than VIN1
-0.3 to VDD+0.3
V
Output voltage
VOUT
Output pin
-0.3 to VDD+0.3
V
Output current
IOUT1
INT, RDY, DREQ, D0 to D15, DO
0 to 2.0
mA
IOUT2
Output pin other than IOUT1
0 to 1.0
mA
Allowable output current (total)
ITTL
Total for all the output pins
10
mA
Allowable power dissipation
Pd max
200
mW
Operating temperature
Topr
Ta
85C
-40 to +85
C
Storage temperature
Tstg
-55 to +125
C
Allowable Operating Ranges at Ta = -40
C to +85C, VSS = 0V
Parameter
Symbol
Pin Name
Type
Conditions
Ratings
unit
min
typ
max
Supply voltage
VDD
2.7
3.6
V
Input high-level voltage
VIH1
A0/CL, A1/CE, A2/DI, RST,
STNBY
Schmitt
0.7VDD
5.5
V
VIH2
IOCNT1, IOCNT2, DACK
D0, D1, D2, D3, D4, D5, D6, D7
WR, RD, A3, CS
Schmitt
0.7VDD
VDD
V
VIH3
SP, BUSWD, TIN, TPC1, TPC2,
TOSEL1, TOSEL2
0.7VDD
VDD
V
Input low-level voltage
VIL1
A0/CL, A1/CE, A2/DI, RST,
STNBY
Schmitt
0.0
0.3VDD
V
VIL2
IOCNT1, IOCNT2, DACK
D0, D1, D2, D3, D4, D5, D6, D7
WR, RD, A3, CS
Schmitt
0.0
0.3VDD
V
VIL3
SP, BUSWD, TIN, TPC1, TPC2,
TOSEL1, TOSEL2
0.0
0.3VDD
V
Oscillation frequency
FOSC
XIN, XOUT
Oscillation
circuit
Within
250ppm
7.2
MHz
XIN input sensitivity
VXI
XIN
Capacitive
coupling
400
mVrms
Input amplitude
VMPX1
MPXIN
SCF
100%
demodulation
composite
VDD=3.3V
120
500
mVrms
VMPX2
MPXIN
SCF
100%
demodulation
composite
VDD=2.7V
120
450
mVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com