Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH5711-2/31 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH5711-2/31
Description  Hochgenauer Umgebungslichtsensor High Accuracy Ambient Light Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5711-2/31 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH5711-2/31 Datasheet HTML 1Page - OSRAM GmbH SFH5711-2/31 Datasheet HTML 2Page - OSRAM GmbH SFH5711-2/31 Datasheet HTML 3Page - OSRAM GmbH SFH5711-2/31 Datasheet HTML 4Page - OSRAM GmbH SFH5711-2/31 Datasheet HTML 5Page - OSRAM GmbH SFH5711-2/31 Datasheet HTML 6Page - OSRAM GmbH SFH5711-2/31 Datasheet HTML 7Page - OSRAM GmbH SFH5711-2/31 Datasheet HTML 8Page - OSRAM GmbH SFH5711-2/31 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SFH 5711
2011-03-21
2
Grenzwerte
Maximum Ratings
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
Betriebs- und Lagertemperatur
Operating and storage temperature range
T
stg
– 40 … + 100
1)
– 40 … + 85
2)
1)
if the device is handled according to JEDEC level 4
2)
if the device is handled according to JEDEC level 3
°C
Versorgungsspannung
Supply voltage
V
CC
6V
Ausgangsspannung
Output voltage
V
OUT
< V
CC
V
Elektrostatische Entladung
Electrostatic discharge
Human Body Model according to EOS/ESD-5.1-1993
ESD
2kV
Empfohlener Arbeitsbereich
Recommended Operating Conditions
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
min.
typ.
max.
Betriebsspannung
Supply voltage
V
CC
2.3
5.5
V
Beleuchtungsstärke
Illuminance
T
A = – 30 °C ... + 70 °C
T
A = – 40 °C ... + 100 °C
E
V
3 ... 80k
10...80k
lx



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com