Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM921 Datasheet(PDF) 13 Page - Touchstone Semiconductor Inc

Part # TSM921
Description  Ultra-Low-Power, Single/Dual-Supply Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSM921 Datasheet(HTML) 13 Page - Touchstone Semiconductor Inc

Back Button TSM921 Datasheet HTML 9Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 10Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 11Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 12Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 13Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 14Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 15Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 16Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 17Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TSM921-TSM924
TSM921_24DS r1p0
Page 13
RTFDS
APPLICATIONS INFORMATION
Hysteresis
As a result of circuit noise or unintended parasitic
feedback, many analog comparators often break into
oscillation within their linear region of operation
especially when the applied differential input voltage
approaches 0V (zero volt). Externally-introduced
hysteresis
is
a
well-established
technique
to
stabilizing analog comparator behavior and requires
external components. As shown in Figure 1, adding
comparator hysteresis creates two trip points: VTHR
(for the rising input voltage) and VTHF (for the falling
input voltage). The hysteresis band (VHB) is defined
as the voltage difference between the two trip points.
When a comparator’s input voltages are equal,
hysteresis effectively forces one comparator input to
move quickly past the other input, moving the input
out of the region where oscillation occurs. Figure 2
illustrates the case in which an IN- input is a fixed
voltage and an IN+ is varied. If the input signals
were reversed, the figure would be the same with an
inverted output.
Hysteresis (TSM921 and TSM923)
Hysteresis can be generated with two external
resistors using positive feedback as shown in
Figure 2. Resistor R1 is connected between REF
and HYST and R2 is connected between HYST and
V-. This will increase the trip point for the rising input
voltage, VTHR, and decrease the trip point for the
falling input voltage, VTHF, by the same amount. If no
hysteresis is required, connect the HYST pin to the
REF pin. The hysteresis band, VHB, is voltage across
the REF and HYST pin multiplied by a factor of 2.
The HYST pin can accept a voltage between REF
and REF-50mV, where a voltage of REF-50mV
generates the maximum voltage across R1 and
thus, the maximum hysteresis and hysteresis band
of 50mV and 100mV, respectively. To design the
circuit for a desired hysteresis band, consider the
equations below to acquire the values for resistors
R1 and R2:
R1
VH
2 x IREF
R2
1.182
VH
2
IREF
where IREF is the primary source of current out of the
reference pin and should be maintained within the
maximum current the reference can source. This is
typically in the range
of 0.1μA and 4μA. It is also
important to ensure that the current from reference is
much larger than the HYST pin input current. Given
R2 = 2.4
MΩ, the current sourced by the reference is
0.5μA. This allows the hysteresis band and R1 to be
approximated as follows:
R1(kΩ)
V
HB(mv)
For the TSM923, the hysteresis is the same for both
comparators.
Hysteresis (TSM922 and TSM924)
Relative to adding hysteresis with the HYST pin as
was done for the TSM921 and the TSM923, the
circuit in Figure 3 uses positive feedback along with
two external resistors to set the desired hysteresis
for the TSM924. The circuit consumes more current
and it slows down the hysteresis effect due to the
Figure 1. Threshold Hysteresis Band
Figure 2. Programming the HYST Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com