Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41594B Datasheet(PDF) 229 Page - Microchip Technology

Part # 41594B
Description  8-Bit Flash Microcontroller with nanoWatt XLP Technology
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

41594B Datasheet(HTML) 229 Page - Microchip Technology

Back Button 41594B Datasheet HTML 225Page - Microchip Technology 41594B Datasheet HTML 226Page - Microchip Technology 41594B Datasheet HTML 227Page - Microchip Technology 41594B Datasheet HTML 228Page - Microchip Technology 41594B Datasheet HTML 229Page - Microchip Technology 41594B Datasheet HTML 230Page - Microchip Technology 41594B Datasheet HTML 231Page - Microchip Technology 41594B Datasheet HTML 232Page - Microchip Technology 41594B Datasheet HTML 233Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 372 page
background image
Receiving Address
Receiving Data
Received Data
P
A7 A6 A5 A4 A3 A2 A1
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
SDA
SCL
BF
CKP
S
P
12
3
4
5
6
7
8
9
1
2
3
4
56
78
9
1
2
3
4
56
78
Master sends
Stop condition
S
Data is read from SSP1BUF
Cleared by software
SSP1IF is set on
9th falling edge of
SCL, after ACK
CKP set by software,
SCL is released
Slave software
9
ACKTIM cleared by
hardware in 9th
rising edge of SCL
sets ACKDT to
not ACK
When DHEN = 1:
CKP is cleared by
hardware on 8th falling
edge of SCL
Slave software
clears ACKDT to
ACK the received
byte
ACKTIM set by hardware
on 8th falling edge of SCL
When AHEN = 1:
CKP is cleared by hardware
and SCL is stretched
Address is
read from
SSBUF
ACKTIM set by hardware
on 8th falling edge of SCL
ACK
Master Releases SDA
to slave for ACK sequence
No interrupt
after not ACK
from Slave
ACK= 1
ACK
ACKDT
ACKTIM
SSP1IF
If AHEN = 1:
SSP1IF is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com