Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41594B Datasheet(PDF) 230 Page - Microchip Technology

Part # 41594B
Description  8-Bit Flash Microcontroller with nanoWatt XLP Technology
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

41594B Datasheet(HTML) 230 Page - Microchip Technology

Back Button 41594B Datasheet HTML 226Page - Microchip Technology 41594B Datasheet HTML 227Page - Microchip Technology 41594B Datasheet HTML 228Page - Microchip Technology 41594B Datasheet HTML 229Page - Microchip Technology 41594B Datasheet HTML 230Page - Microchip Technology 41594B Datasheet HTML 231Page - Microchip Technology 41594B Datasheet HTML 232Page - Microchip Technology 41594B Datasheet HTML 233Page - Microchip Technology 41594B Datasheet HTML 234Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 372 page
background image
Receiving Address
Receive Data
Receive Data
A7 A6 A5 A4 A3 A2 A1
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
SDA
SCL
SSP1IF
BF
ACKDT
CKP
S
P
ACK
S
12 34 56 7 8
9
12 3 45 6 7 8
9
12 34 5 6 7 8
9
ACK
ACK
Cleared by software
ACKTIM is cleared by hardware
SSP1BUF can be
Set by software,
read any time before
next byte is loaded
release SCL
on 9th rising edge of SCL
Received
address is loaded into
SSP1BUF
Slave software clears
ACKDT to ACK
R/W = 0
Master releases
SDA to slave for ACK sequence
the received byte
When AHEN = 1;
on the 8th falling edge
of SCL of an address
byte, CKP is cleared
ACKTIM is set by hardware
on 8th falling edge of SCL
When DHEN = 1;
on the 8th falling edge
of SCL of a received
data byte, CKP is cleared
Received data is
available on SSP1BUF
Slave sends
not ACK
CKP is not cleared
if not ACK
P
Master sends
Stop condition
No interrupt after
if not ACK
from Slave
ACKTIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com