Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41594B Datasheet(PDF) 242 Page - Microchip Technology

Part # 41594B
Description  8-Bit Flash Microcontroller with nanoWatt XLP Technology
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

41594B Datasheet(HTML) 242 Page - Microchip Technology

Back Button 41594B Datasheet HTML 238Page - Microchip Technology 41594B Datasheet HTML 239Page - Microchip Technology 41594B Datasheet HTML 240Page - Microchip Technology 41594B Datasheet HTML 241Page - Microchip Technology 41594B Datasheet HTML 242Page - Microchip Technology 41594B Datasheet HTML 243Page - Microchip Technology 41594B Datasheet HTML 244Page - Microchip Technology 41594B Datasheet HTML 245Page - Microchip Technology 41594B Datasheet HTML 246Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 372 page
background image
PIC12LF1840T48A
DS41594B-page 242
Preliminary
 2011-2012 Microchip Technology Inc.
25.6.2 CLOCK ARBITRATION
Clock arbitration occurs when the master, during any
receive, transmit or Repeated Start/Stop condition,
releases the SCL pin (SCL allowed to float high). When
the SCL pin is allowed to float high, the Baud Rate Gen-
erator (BRG) is suspended from counting until the SCL
pin is actually sampled high. When the SCL pin is sam-
pled high, the Baud Rate Generator is reloaded with
the contents of SSP1ADD<7:0> and begins counting.
This ensures that the SCL high time will always be at
least one BRG rollover count in the event that the clock
is held low by an external device (Figure 25-25).
FIGURE 25-25:
BAUD RATE GENERATOR TIMING WITH CLOCK ARBITRATION
25.6.3 WCOL STATUS FLAG
If the user writes the SSP1BUF when a Start, Restart,
Stop, Receive or Transmit sequence is in progress, the
WCOL bit is set and the contents of the buffer are
unchanged (the write does not occur). Any time the
WCOL bit is set it indicates that an action on SSP1BUF
was attempted while the module was not Idle.
25.6.4
I2C MASTER MODE START
CONDITION TIMING
To initiate a Start condition, the user sets the Start
Enable bit, SEN bit of the SSP1CON2 register. If the
SDA and SCL pins are sampled high, the Baud Rate
Generator
is
reloaded
with
the
contents
of
SSP1ADD<7:0> and starts its count. If SCL and SDA
are both sampled high when the Baud Rate Generator
times out (Tpwrt), the SDA pin is driven low. The
action of the SDA being driven low while SCL is high is
the Start condition and causes the S bit of the
SSP1STAT1 register to be set. Following this, the
Baud Rate Generator is reloaded with the contents of
SSP1ADD<7:0> and resumes its count. When the
Baud Rate Generator times out (Tpwrt), the SEN bit of
the SSP1CON2 register will be automatically cleared
by hardware; the Baud Rate Generator is suspended,
leaving the SDA line held low and the Start condition is
complete.
SDA
SCL
SCL deasserted but slave holds
DX ‚
– 1
DX
BRG
SCL is sampled high, reload takes
place and BRG starts its count
03h
02h
01h
00h (hold off)
03h
02h
Reload
BRG
Value
SCL low (clock arbitration)
SCL allowed to transition high
BRG decrements on
Q2 and Q4 cycles
Note:
Because queueing of events is not
allowed, writing to the lower 5 bits of
SSP1CON2 is disabled until the Start
condition is complete.
Note 1: If at the beginning of the Start condition,
the SDA and SCL pins are already sam-
pled low, or if during the Start condition,
the SCL line is sampled low before the
SDA line is driven low, a bus collision
occurs, the Bus Collision Interrupt Flag,
BCL1IF, is set, the Start condition is
aborted and the I2C module is reset into
its Idle state.
2: The Philips I2C Specification states that a
bus collision cannot occur on a Start.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com