Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41594B Datasheet(PDF) 238 Page - Microchip Technology

Part # 41594B
Description  8-Bit Flash Microcontroller with nanoWatt XLP Technology
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

41594B Datasheet(HTML) 238 Page - Microchip Technology

Back Button 41594B Datasheet HTML 234Page - Microchip Technology 41594B Datasheet HTML 235Page - Microchip Technology 41594B Datasheet HTML 236Page - Microchip Technology 41594B Datasheet HTML 237Page - Microchip Technology 41594B Datasheet HTML 238Page - Microchip Technology 41594B Datasheet HTML 239Page - Microchip Technology 41594B Datasheet HTML 240Page - Microchip Technology 41594B Datasheet HTML 241Page - Microchip Technology 41594B Datasheet HTML 242Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 372 page
background image
Receiving Address
ACK
Receiving Second Address Byte
Sr
Receive First Address Byte
ACK
Transmitting Data Byte
1 1 1 1 0 A9 A8
A7 A6 A5 A4 A3 A2 A1 A0
1 1 1 1 0 A9 A8
D7 D6 D5 D4 D3 D2 D1 D0
SDA
SCL
SSP1IF
BF
UA
CKP
R/W
D/A
1 23 45 6 789
1 23 45 67 89
1
23 4 5 67 89
1 23 4 5 6 78 9
ACK = 1
P
Master sends
Stop condition
Master sends
not ACK
Master sends
Restart event
ACK
R/W = 0
S
Cleared by software
After SSP1ADD is
updated, UA is cleared
and SCL is released
High address is loaded
Received address is
Data to transmit is
Set by software
Indicates an address
When R/W = 1;
R/W is copied from the
Set by hardware
UA indicates SSP1ADD
SSP1BUF loaded
with received address
must be updated
has been received
loaded into SSP1BUF
releases SCL
Masters not ACK
is copied
matching address byte
CKP is cleared on
9th falling edge of SCL
read from SSP1BUF
back into SSP1ADD
ACKSTAT
Set by hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com