Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41594B Datasheet(PDF) 237 Page - Microchip Technology

Part # 41594B
Description  8-Bit Flash Microcontroller with nanoWatt XLP Technology
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

41594B Datasheet(HTML) 237 Page - Microchip Technology

Back Button 41594B Datasheet HTML 233Page - Microchip Technology 41594B Datasheet HTML 234Page - Microchip Technology 41594B Datasheet HTML 235Page - Microchip Technology 41594B Datasheet HTML 236Page - Microchip Technology 41594B Datasheet HTML 237Page - Microchip Technology 41594B Datasheet HTML 238Page - Microchip Technology 41594B Datasheet HTML 239Page - Microchip Technology 41594B Datasheet HTML 240Page - Microchip Technology 41594B Datasheet HTML 241Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 372 page
background image
Receive First Address Byte
UA
Receive Second Address Byte
UA
Receive Data
ACK
Receive Data
1
1
1
1
0
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
D7 D6
D5 D4 D3 D2 D1 D0
D7 D6 D5
SDA
SCL
SSP1IF
BF
ACKDT
UA
CKP
ACKTIM
1
2
3
4
5
678
9
S
ACK
ACK
12
3
4
56
78
9
12
345
6
7
8
91
2
SSP1BUF
is read from
Received data
SSP1BUF can be
read anytime before
the next received byte
Cleared by software
falling edge of SCL
not allowed until 9th
Update to SSP1ADD is
Set CKP with software
releases SCL
SCL
clears UA and releases
Update of SSP1ADD,
Set by hardware
on 9th falling edge
Slave software clears
ACKDT to ACK
the received byte
If when AHEN = 1;
on the 8th falling edge
of SCL of an address
byte, CKP is cleared
ACKTIM is set by hardware
on 8th falling edge of SCL
Cleared by software
R/W = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com