Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41594B Datasheet(PDF) 235 Page - Microchip Technology

Part # 41594B
Description  8-Bit Flash Microcontroller with nanoWatt XLP Technology
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

41594B Datasheet(HTML) 235 Page - Microchip Technology

Back Button 41594B Datasheet HTML 231Page - Microchip Technology 41594B Datasheet HTML 232Page - Microchip Technology 41594B Datasheet HTML 233Page - Microchip Technology 41594B Datasheet HTML 234Page - Microchip Technology 41594B Datasheet HTML 235Page - Microchip Technology 41594B Datasheet HTML 236Page - Microchip Technology 41594B Datasheet HTML 237Page - Microchip Technology 41594B Datasheet HTML 238Page - Microchip Technology 41594B Datasheet HTML 239Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 372 page
background image
 2011-2012 Microchip Technology Inc.
Preliminary
DS41594B-page 235
PIC12LF1840T48A
25.5.4 SLAVE MODE 10-BIT ADDRESS
RECEPTION
This section describes a standard sequence of events
for the MSSP1 module configured as an I2C Slave in
10-bit Addressing mode.
Figure 25-19 is used as a visual reference for this
description.
This is a step by step process of what must be done by
slave software to accomplish I2C communication.
1.
Bus starts Idle.
2.
Master sends Start condition; S bit of
SSP1STAT is set; SSP1IF is set if inter-
rupt-on-Start detect is enabled.
3.
Master sends matching high address with R/W
bit clear; UA bit of the SSP1STAT register is set.
4.
Slave sends ACK and SSP1IF is set.
5.
Software clears the SSP1IF bit.
6.
Software
reads
received
address
from
SSP1BUF clearing the BF flag.
7.
Slave loads low address into SSP1ADD,
releasing SCL.
8.
Master sends matching low address byte to the
Slave; UA bit is set.
9.
Slave sends ACK and SSP1IF is set.
10. Slave clears SSP1IF.
11. Slave reads the received matching address
from SSP1BUF clearing BF.
12. Slave loads high address into SSP1ADD.
13. Master clocks a data byte to the slave and
clocks out the slaves ACK on the 9th SCL pulse;
SSP1IF is set.
14. If SEN bit of SSP1CON2 is set, CKP is cleared
by hardware and the clock is stretched.
15. Slave clears SSP1IF.
16. Slave reads the received byte from SSP1BUF
clearing BF.
17. If SEN is set the slave sets CKP to release the
SCL.
18. Steps 13-17 repeat for each received byte.
19. Master sends Stop to end the transmission.
25.5.5 10-BIT ADDRESSING WITH ADDRESS
OR DATA HOLD
Reception using 10-bit addressing with AHEN or
DHEN set is the same as with 7-bit modes. The only
difference is the need to update the SSP1ADD register
using the UA bit. All functionality, specifically when the
CKP bit is cleared and SCL line is held low are the
same. Figure 25-20 can be used as a reference of a
slave in 10-bit addressing with AHEN set.
Figure 25-21 shows a standard waveform for a slave
transmitter in 10-bit Addressing mode.
Note: Updates to the SSP1ADD register are not
allowed until after the ACK sequence.
Note: If the low address does not match, SSP1IF
and UA are still set so that the slave soft-
ware can set SSP1ADD back to the high
address. BF is not set because there is no
match. CKP is unaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com