Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LE25S40MB Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LE25S40MB
Description  4M-bit (512K횞8) Serial Flash Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25S40MB Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LE25S40MB Datasheet HTML 9Page - Sanyo Semicon Device LE25S40MB Datasheet HTML 10Page - Sanyo Semicon Device LE25S40MB Datasheet HTML 11Page - Sanyo Semicon Device LE25S40MB Datasheet HTML 12Page - Sanyo Semicon Device LE25S40MB Datasheet HTML 13Page - Sanyo Semicon Device LE25S40MB Datasheet HTML 14Page - Sanyo Semicon Device LE25S40MB Datasheet HTML 15Page - Sanyo Semicon Device LE25S40MB Datasheet HTML 16Page - Sanyo Semicon Device LE25S40MB Datasheet HTML 17Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LE25S40MB
No.A2096-13/22
10. Silicon ID Read
ID read is an operation that reads the manufacturer code and device ID information. The silicon ID read command is not
accepted during writing. There are two methods of reading the silicon ID, each of which is assigned a device ID. In the
first method, the read command sequence consists only of the first bus cycle in which (9Fh) is input. In the subsequent
bus cycles, the manufacturer code 62h which is assigned by JEDEC, 2-byte device ID code (memory type, memory
capacity), and reserved code are output sequentially. The 4-byte code is output repeatedly as long as clock inputs are
present, "Table 7-1 JEDEC ID code " lists the silicon ID codes and "Figure 15-a JEDEC ID read" shows the JEDEC ID
read timing waveforms.
The second method involves inputting the ID read command. This command consists of the first through fourth bus
cycles, and the one bite silicon ID can be read when 24 dummy bits are input after (ABh). "Table 7-2 ID code " lists the
silicon ID codes and "Figure 15-b ID read" shows the ID read timing waveforms.
If the SCK input persists after a device code is read, that device code continues to be output. The data output is
transmitted starting at the falling edge of the clock for bit 0 in the fourth bus cycle and the silicon ID read sequence is
finished by setting CS high.
Table 7-1 JEDEC ID code
Table 7-2 ID code
Output code
Output Code
Manufacturer code
62h
1 byte device ID
3E
(LE25S40MB)
2 byte device ID
Memory type
16h
Memory capacity code
13h(4M Bit)
Device code
1
00h
Figure 15-a JEDEC ID Read
Figure 15-b ID Read
CS
High Impedance
13h
16h
62h
SCK
SO
SI
9Fh
15
MSB
MSB
MSB
0
1
2
3
4
5
6
7
8
23
16
24
31
39
8CL
Mode0
Mode3
32
00h
MSB
62h
MSB
CS
High Impedance
3Eh
3Eh
SCK
SO
SI
ABh
X
X
15
MSB
MSB
0
1
2
3
4
5
6
7
8
23
16
24
31
39
8CL
Mode0
Mode3
32
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com