Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSS10S Datasheet(PDF) 1 Page - OTAX Corporation

Part # KSS10S
Description  DIP Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OTAX [OTAX Corporation]
Direct Link  http://www.otax.co.jp/ehome/eindex.htm
Logo OTAX - OTAX Corporation

KSS10S Datasheet(HTML) 1 Page - OTAX Corporation

  KSS10S Datasheet HTML 1Page - OTAX Corporation KSS10S Datasheet HTML 2Page - OTAX Corporation KSS10S Datasheet HTML 3Page - OTAX Corporation KSS10S Datasheet HTML 4Page - OTAX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIP Switch


Similar Part No. - KSS10S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KSS1 ETC1-KSS1 Datasheet
133Kb / 2P
KS SERIES KEY SWITCHES
logo
AiT Semiconductor Inc.
KSS1210 AITSEMI-KSS1210 Datasheet
220Kb / 1P
QUARTZ CRYSTAL
logo
Guangdong Kexin Industr...
KSS133 KEXIN-KSS133 Datasheet
48Kb / 2P
Load Switching Applications
KSS138 KEXIN-KSS138 Datasheet
46Kb / 2P
Power MOSFET 200 mA, 50 V
logo
AiT Semiconductor Inc.
KSS1612 AITSEMI-KSS1612 Datasheet
230Kb / 1P
QUARTZ CRYSTAL
More results

Similar Description - KSS10S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A6D OMRON-A6D Datasheet
147Kb / 3P
DIP Switch
logo
DB Lectro Inc
BSI-10 DBLECTRO-BSI-10 Datasheet
185Kb / 2P
DIP SWITCH
BSI-10H DBLECTRO-BSI-10H Datasheet
184Kb / 2P
DIP SWITCH
logo
Omron Electronics LLC
A6ER OMRON-A6ER Datasheet
746Kb / 4P
DIP Switch
A6S-H OMRON-A6S-H Datasheet
933Kb / 6P
DIP Switch
logo
CUI INC
DS01-254 CUI-DS01-254 Datasheet
312Kb / 3P
DIP SWITCH
DS03-254 CUI-DS03-254 Datasheet
319Kb / 3P
DIP SWITCH
DS04-254 CUI-DS04-254 Datasheet
322Kb / 3P
DIP SWITCH
DS05-127-SMT CUI-DS05-127-SMT Datasheet
355Kb / 4P
DIP SWITCH
DS02-254 CUI-DS02-254_V01 Datasheet
333Kb / 3P
DIP SWITCH
11/23/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com