Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJS29C16792 Datasheet(PDF) 1 Page - Winchester Electronics Corporation

Part # NJS29C16792
Description  EDGECARD, CONTINUOUS CARD COLLECTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINCHESTER [Winchester Electronics Corporation]
Direct Link  http://www.winchesterelectronics.com
Logo WINCHESTER - Winchester Electronics Corporation

NJS29C16792 Datasheet(HTML) 1 Page - Winchester Electronics Corporation

  NJS29C16792 Datasheet HTML 1Page - Winchester Electronics Corporation NJS29C16792 Datasheet HTML 2Page - Winchester Electronics Corporation NJS29C16792 Datasheet HTML 3Page - Winchester Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - NJS29C16792

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
NJS25UF NJSEMI-NJS25UF Datasheet
274Kb / 1P
2,500 V -10,000 V Rectifiers 1.5 A - 3.0 A Forward Current 100 ns Recovery Time
More results

Similar Description - NJS29C16792

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSB1151 FAIRCHILD-KSB1151 Datasheet
50Kb / 5P
Low Collector-Emitter Saturation Voltage Large Collector Current
logo
Pomona Electronics
73038 POMONA-73038 Datasheet
120Kb / 1P
MMCX PLUG STRAIGHT EDGECARD
73039 POMONA-73039 Datasheet
122Kb / 1P
MMCX JACK STRAIGHT EDGECARD
logo
Winchester Electronics ...
23561 WINCHESTER-23561 Datasheet
361Kb / 1P
EDGECARD, CONTINUOUS CARD COLLECTOR
23836 WINCHESTER-23836 Datasheet
178Kb / 1P
EDGECARD CONTINUOUS CARD COLLECTOR
23841 WINCHESTER-23841 Datasheet
324Kb / 2P
EDGECARD CONNECTOR, NJ& NJS SERIES
24514 WINCHESTER-24514 Datasheet
111Kb / 1P
CONTINUOUS CARD COLLECTOR
29280 WINCHESTER-29280 Datasheet
123Kb / 1P
EDGECARD CONNECTOR, NJ SERIES
logo
List of Unclassifed Man...
EBC10DRAS ETC2-EBC10DRAS Datasheet
178Kb / 3P
EDGECARD, .100 CC LP
EBC15DRAS ETC2-EBC15DRAS Datasheet
178Kb / 3P
EDGECARD, 100 CC LP
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com