Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD13280/PCB Datasheet(PDF) 15 Page - Analog Devices

Part # AD13280/PCB
Description  Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13280/PCB Datasheet(HTML) 15 Page - Analog Devices

Back Button AD13280/PCB Datasheet HTML 11Page - Analog Devices AD13280/PCB Datasheet HTML 12Page - Analog Devices AD13280/PCB Datasheet HTML 13Page - Analog Devices AD13280/PCB Datasheet HTML 14Page - Analog Devices AD13280/PCB Datasheet HTML 15Page - Analog Devices AD13280/PCB Datasheet HTML 16Page - Analog Devices AD13280/PCB Datasheet HTML 17Page - Analog Devices AD13280/PCB Datasheet HTML 18Page - Analog Devices AD13280/PCB Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
REV. 0
AD13280
–15–
NC = NO CONNECT
VCC
Q
VEE
NC
D
VBB
U2
MC10EL16
AGNDA
1
2
3
4
8
7
6
5
OUT
NR
IN
SD
U5
3
5
1
ERR
GND
4
ADP3330
5
AGNDA
DB
QB
C13
0.47 F
+3.3VA
C7
0.1 F
C8
0.1 F
ENCAB
ENCA
AGNDA
R43
100
AGNDA
R56
33k
NC = NO CONNECT
VCC
Q
VEE
NC
D
VBB
U3
MC10EL16
1
2
3
4
8
7
6
5
DB
QB
NC = NO CONNECT
VCC
Q0
VEE
NC
D
VBB
U4
MC100EPT23
1
2
3
4
8
7
6
5
DB
Q1
+3.3VDA
C6
0.47 F
R55
33k
DGNDA
C2
0.1 F
R41
25
J12
SMA
J5
ENCODE
SMA
R1
50
C1
0.1 F
AGNDA
AGNDA
AGNDA
DGNDA
DGNDA
AGNDA
R3
100
R4
100
DGNDA
DGND
C5
0.47 F
+3.3VDA
LATCHA
BUFLATA
E23
E19
+5VAA
R42
100
2
E17
E27
E25
E21
E32
E44
E42
E10
E33
E6
E18
E28
E26
E20
E31
E43
E41
E9
E34
E5
DGNDA
AGNDA
E38
E29
E1
E36
E14
E37
E30
E2
E35
E13
DGNDB
AGNDB
SO1
SO2
SO4
SO5
SO6
E45
E3
E46
E4
SO3
E15
E7
E16
E12
DGNDA
DGNDB
E11
E39
E8
E47
DGNDA
DGNDB
AGNDB
1
BJ3
AGNDA
1
BJ4
DGNDB
1
BJ7
DGNDB
DGNDA
1
BJ8
DGNDA
NC = NO CONNECT
VCC
Q
VEE
NC
D
VBB
U11
MC10EL16
AGNDB
1
2
3
4
8
7
6
5
OUT
NR
IN
SD
U6
3
5
1
ERR
GND
4
ADP3330
5
AGNDB
DB
QB
C27
0.47 F
+3.3VB
C24
0.1 F
C28
0.1 F
ENCBB
ENCB
AGNDB
R52
100
AGNDA
R38
33k
NC = NO CONNECT
VCC
Q
VEE
NC
D
VBB
U9
MC10EL16
1
2
3
4
8
7
6
5
DB
QB
NC = NO CONNECT
VCC
Q0
VEE
NC
D
VBB
U10
MC100EPT23
1
2
3
4
8
7
6
5
DB
Q1
+3.3VDB
C25
0.47 F
R39
33k
DGNDB
C23
0.1 F
R53
25
J11
SMA
J10
ENCODE
SMA
R54
50
C22
0.1 F
AGNDB
AGNDB
AGNDB
DGNDB
DGNDB
DGNDB
R37
100
DGNDB
DGNDB
C26
0.1 F
+3.3VDA
LATCHB
BUFLATB
E24
E22
+5VAB
R51
100
2
R6
100
Figure 10c. Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com